Electronic Components Datasheet Search
  English  ▼

X  

AM29BDD160GT2DPBF Datasheet(PDF) 79 Page - Advanced Micro Devices

Part # AM29BDD160GT2DPBF
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT2DPBF Datasheet(HTML) 79 Page - Advanced Micro Devices

Back Button AM29BDD160GT2DPBF Datasheet HTML 71Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 72Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 73Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 74Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 75Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 76Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 77Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 78Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 79Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 79 / 79 page
background image
June 7, 2006
Am29BDD160G
77
Figure 15. Typical I
CC1 vs. Frequency
Renumbered Supply Current axis, removed 2.3 V
graph, and changed other graph to 2.5 V.
Figure 27. Synchronous Data Polling
Timing/Toggle Bit Timings
Deleted line under the pulse in OE#.
Revision C+2 (June 26, 2003)
Product Selector Guide
Added Note.
Synchronous (Burst) Read Operation,
ADV#Control In Linear Mode, and IND/WAIT#
Operation in Linear Mode
Removed feature.
Table. 7 Valid Configuration Register Bit Definition
for IND/WAIT#
Removed features.
Table 20. Sector Protection Command Definitions
(x32 mode)
Changed the address for OW A5-A0 to 011X10.
Table 22. Sector Protection Command Definitions
(x16 mode)
Changed the PWA sector to A0:A-1
Figure 11. Typical ICC1 vs. Frequency
Changed 2.5 to 2.7 and made T= 40°C
Burst Mode Read
Changed tBACC for 54D to 9 FBGA and 9.5 PQFP.
Changed t
DIND for 54D to 9 FBGA and 9.5 PQFP and
for the 64C to 10 FBGA and 10 PQFP.
Figure 27. Synchronous Data Polling
Timing/Toggle Bit Timing
Added note 4.
Revision D (June 30, 2003)
Global
Converted to a Preliminary Datasheet.
Revision D+1 (June 30, 2003)
Global
Removed “Preliminary” status from data sheet.
Distinctive Characteristics
Added temperature range to simultaneous read/write
operations section.
DC Characteristics
Inserted IACC field to table.
Revision D2 (January 7, 2005)
Added note on cover page and first page of data sheet
that the Am29BDD160G has been superceded by the
Spansion S29CD016G.
Revision D3 (February 2, 2005)
Ordering Information
Added lead free to package. Added new package
types to valid combinations.
Revision D4 (November 4, 2005)
Block Diagram: Changed “DQ0-DQ15 to DQ0-DQ31”
in the block diagram.
Connection Diagram: Restored labels to figure.
Absolute Maximum Ratings: Changed voltages in
vvershoot diagrams.
AC Characteristics, Burst Mode Read table: Deleted
parameters tDS, tDH, tAS, tAH, tCS
Revision D5 (June 7, 2006)
Global: Restored previous formatting to document.
Trademarks
Copyright © 2003–2006 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
ExpressFlash is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com