Electronic Components Datasheet Search
  English  ▼

X  

AM29BDD160GT2DPBF Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM29BDD160GT2DPBF
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT2DPBF Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM29BDD160GT2DPBF Datasheet HTML 16Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 17Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 18Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 19Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 20Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 21Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 22Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 23Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 79 page
background image
18
Am29BDD160G
June 7, 2006
CE# Control in Linear Mode
The CE# (Chip Enable) pin enables the Am29BDD160
during read mode operations. CE# must meet the re-
quired burst read setup times for burst cycle initiation.
If CE# is taken to VIH at any time during the burst lin-
ear or burst cycle, the device immediately exits the
burst sequence and floats the DQ bus and IND/WAIT#
signal. Restarting a burst cycle is accomplished by
taking CE# and ADV# to VIL.
ADV# Control In Linear Mode
The ADV# (Address Valid) pin is used to initiate a lin-
ear burst cycle at the clock edge when CE# and ADV#
are at V
IL and the device is configured for either linear
burst mode operation. A burst access is initiated and
the address is latched on the first rising CLK edge
when ADV# is active or upon a rising ADV# edge,
whichever occurs first. If the ADV# signal is taken to
V
IL prior to the end of a linear burst sequence, the pre-
vious address is discarded and subsequent burst
transfers are invalid until ADV# transitions to V
IH be-
fore a clock edge, which initiates a new burst se-
quence.
RESET# Control in Linear Mode
The RESET# pin immediately halts the linear burst ac-
cess when ta ke n t o V IL. The DQ data bus and
IND/WAIT# signal float. Additionally, the Configuration
Register contents are reset back to the default condi-
tion where the device is placed in asynchronous ac-
cess mode.
OE# Control in Linear Mode
The OE# (Output Enable) pin is used to enable the lin-
ear burst data on the DQ data bus and the IND/WAIT#
pin. De-asserting the OE# pin to V
IH during a burst op-
eration floats the data bus and the IND/WAIT# pin.
However, the device will continue to operate internally
as if the burst sequence continues until the linear burst
is complete. The OE# pin does not halt the burst se-
quence, this is accomplished by either taking CE# to
V
IH or re-issuing a new ADV# pulse. The DQ bus and
IND/WAIT# signal remain in the float state until OE# is
taken to V
IL.
IND/WAIT# Operation in Linear Mode
The IND/WAIT#, or End of Burst Indicator signal
(when in linear modes), informs the system that the
last address of a burst sequence is on the DQ data
bus. For example, if a 4-word linear burst access is
Sixteen Linear Data Transfers
(X16 Only)
0-1-2-3-4-5-6-7-8-9-A-B-C-D-E-F (A2:A-1/ A3-A0 = 0000)
1-2-3-4-5-6-7-8-9-A-B-C-D-E-F-0 (A2:A-1/ A3-A0 = 0001)
2-3-4-5-6-7-8-9-A-B-C-D-E-F-0-1 (A2:A-1/ A3-A0 = 0010)
3-4-5-6-7-8-9-A-B-C-D-E-F-0-1-2 (A2:A-1/ A3-A0 = 0011)
4-5-6-7-8-9-A-B-C-D-E-F-0-1-2-3 (A:A-1/ A3-A0 = 0100)
5-6-7-8-9-A-B-C-D-E-F-0-1-2-3-4 (A2:A-1/ A3-A0 = 0101)
6-7-8-9-A-B-C-D-E-F-0-1-2-3-4-5 (A2:A-1/ A3-A0 = 0110)
7-8-9-A-B-C-D-E-F-0-1-2-3-4-5-6 (A2:A-1/ A3-A0 = 0111)
8-9-A-B-C-D-E-F-0-1-2-3-4-5-6-7 (A2:A-1/ A3-A0 = 1000)
9-A-B-C-D-E-F-0-1-2-3-4-5-6-7-8 (A2:A-1/ A3-A0 = 1001)
A-B-C-D-E-F-0-1-2-3-4-5-6-7-8-9 (A2:A-1/ A3-A0 = 1010)
B-C-D-E-F-0-1-2-3-4-5-6-7-8-9-A (A2:A-1/ A3-A0 = 1011)
C-D-E-F-0-1-2-3-4-5-6-7-8-9-A-B (A2:A-1/ A3-A0 = 1100)
D-E-F-0-1-2-3-4-5-6-7-8-9-A-B-C (A2:A-1/ A3-A0 = 1101)
E-F-0-1-2-3-4-5-6-7-8-9-A-B-C-D (A2:A-1/ A3-A0 = 1110)
F-0-1-2-3-4-5-6-7-8-9-A-B-C-D-E (A2:A-1/ A3-A0 = 1111)
Thirty-Two Linear Data Transfers
0-1-2-3-4-5-6-7-8-9-A-B-C-D-E-F-G-H-I-J-K-L-M-N-O-P-Q-R-S-T-U-V (A3:A-1 = 00000)
1-2-3-4-5-6-7-8-9-A-B-C-D-E-F-G-H-I-J-K-L-M-N-O-P-Q-R-S-T-U-V-0 (A3:A-1 = 00001)
:
U-V-0-1-2-3-4-5-6-7-8-9-A-B-C-D-E-F-G-H-I-J-K-L-M-N-O-P-Q-R-S-T (A3:A-1 = 11110)
V-0-1-2-3-4-5-6-7-8-9-A-B-C-D-E-F-G-H-I-J-K-L-M-N-O-P-Q-R-S-T-U (A3:A-1 = 11111)
Table 6.
16-Bit and 32-Bit Linear and Burst Data Order (Continued)
Data Transfer Sequence
(Independent of the WORD#
pin)
Output Data Sequence (Initial Access Address)
(x16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com