Electronic Components Datasheet Search
  English  ▼

X  

AM29BDD160GT2DPBF Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM29BDD160GT2DPBF
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT2DPBF Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM29BDD160GT2DPBF Datasheet HTML 26Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 27Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 28Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 29Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 30Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 31Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 32Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 33Page - Advanced Micro Devices AM29BDD160GT2DPBF Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 79 page
background image
28
Am29BDD160G
June 7, 2006
6. Executing the Chip Erase command is permitted
when the SecSi sector is enabled. The Chip Erase
command erases all sectors in the memory array
except for sector 0 in top-bootblock configuration
and sector 45 in bottom-bootblock configuration.
The SecSi Sector is a one-time programmable
memory area that cannot be erased.
7. Executing the SecSi Sector Entry command during
program or erase suspend mode is allowed. The
Sector Erase/Program Resume command is dis-
abled while the SecSi sector is enabled, and the
user cannot resume programming of the memory
array until the Exit SecSi Sector command is writ-
ten.
SecSi Sector Protection Bit
The SecSi Sector Protection Bit prevents program-
ming of the SecSi sector memory area. Once set, the
SecSi sector memory area contents are non-modifi-
able.
Persistent Protection Bit Lock
The Persistent Protection Bit (PPB) Lock is a volatile
bit that reflects the state of the Password Mode Lock-
ing Bit after power-up reset. If the Password Mode
Locking Bit is set, which indicates the device is in
Password Protection Mode, the PPB Lock Bit is also
set after a hardware reset (RESET# asserted) or a
power-up reset. The ONLY means for clearing the
PPB Lock Bit in Password Protection Mode is to issue
the Password Unlock command. Successful execution
of the Password Unlock command clears the PPB
Lock Bit, allowing for sector PPBs modifications. As-
serting RESET#, taking the device through a power-on
reset, or issuing the PPB Lock Bit Set command sets
the PPB Lock Bit back to a “1”.
If the Password Mode Locking Bit is not set, indicating
Persistent Sector Protection Mode, the PPB Lock Bit
is cleared after power-up or hardware reset. The PPB
Lock Bit is set by issuing the PPB Lock Bit Set com-
mand. Once set the only means for clearing the PPB
Lock Bit is by issuing a hardware or power-up reset.
The Password Unlock command is ignored in Persis-
tent Sector Protection Mode.
Hardware Data Protection
The command sequence requirement of unlock cycles
for programming or erasing provides data protection
against inadvertent writes. In addition, the following
hardware data protection measures prevent accidental
erasure or programming, which might otherwise be
caused by spurious system level signals during V
CC
power-up and power-down transitions, or from system
noise.
Low V
CC Write Inhibit
When V
CC is less than VLKO, the device does not ac-
cept any write cycles. This protects data during V
CC
power-up and power-down. The command register
and all internal erase/program circuits are disabled,
and the device resets. Subsequent writes are ignored
until V
CC is greater than VLKO. The system must pro-
vide the proper signals to the control pins to prevent
unintentional writes when V
CC is greater than VLKO.
Write Pulse “Glitch” Protection
Noise pulses of less than 5 ns (typical) on OE#, CE#,
or WE# do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of OE# =
VIL, CE# = VIH, or WE# = VIH. To initiate a write cycle,
CE# and WE# must be a logical zero (VIL) while OE#
is a logical one (VIH).
Power-Up Write Inhibit
If WE# = CE# = V
IL and OE# = VIH during power-up,
the device does not accept commands on the rising
edge of WE#. The internal state machine is automati-
cally reset to reading array data on power-up.
VCC and VIO Power-up And Power-down
Sequencing
The device imposes no restrictions on V
CC and VIO
power-up or power-down sequencing. Asserting RE-
SET# to V
IL is required during the entire VCC and VIO
power sequence until the respective supplies reach
their operating voltages. Once, V
CC and VIO attain their
respective operating voltages, de-assertion of RE-
SET# to V
IH is permitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com