Electronic Components Datasheet Search
  English  ▼

X  

ST3485EBDR Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # ST3485EBDR
Description  3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

ST3485EBDR Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  ST3485EBDR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Parameter
Symbol
Value
Unit
Supply voltage
VCC
+7
V
Voltage of control port
/RE, DE, DI
-0.3~+7
V
Bus side input voltage
A, B
-7~13
V
Receiver output voltage
RO
-0.3~+7
V
Operating temperature range
-40~85
°C
Storage temperature range
-60~150
°C
Welding temperature
300
°C
Continuous power dissipation
SOP8
400
mW
MSOP8/8μMAX/VSSMAX/VSSOP8
830
mW
DIP8
700
mW
The maximum limit parameter value means that exceeding these values may cause irreversible
damage to the device. Under these conditions, it is not conducive to the normal operation of the
device. Continuous operation of the device under the maximum allowable rating may affect the
reliability of the device. The reference point of all voltages is ground.
Pin functions
Pin number
Pin name
Pin function
1
RO
Receiver output
When /RE is low level: if A-B
≧ 200mV, RO = high;
if A-B
≦ -200mV, RO = low
2
/RE
Receiver output enable control
When /RE is low level, receiver output is enabled, and RO output is
available.
When /RE is high level, receiver output is disabled, and RO is in high
impedance state.
When /RE is high level and DE is low level, the device enters low power
consumption mode.
3
DE
Driver output enable control
When DE is high level, driver output is available; when DE is low level, the
output is in high impedance state.
When /RE is high level and DE is low level, the device enters low power
consumption mode.
4
DI
Driver input
When DE is high level, the DI low level forces the non-inverting driver
output A low and inverting driver output B high;
The DI high level forces the non-inverting driver output A high and
inverting driver output B low.
5
GND
Ground
6
A
Non-inverting receiver input and non-inverting driver output
7
B
Inverting receiver input and inverting driver output
8
VCC
Power supply
Limiting values
www.umw-ic.com
2
友台半导体有限公司
ST3485E
3.3V power supply, up to 256 nodes, 12Mbps half-duplex,
RS485/RS422 transceiver
UMW R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com