Electronic Components Datasheet Search
  English  ▼

X  

ST3485EBDR Datasheet(PDF) 6 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # ST3485EBDR
Description  3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

ST3485EBDR Datasheet(HTML) 6 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button ST3485EBDR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Function table
Driver
Receiver
Control
Input
Output
/RE
DE
DI
A
B
X
1
1
H
L
X
1
0
L
H
0
0
X
Z
Z
1
0
X
Z (shutdown)
X: don’t care; Z: high impedance
Control
Input
Output
/RE
DE
A-B
RO
0
X
≥200mV
H
0
X
≤-200mV
L
0
X
Open/short-
circuit
H
1
X
X
Z
X: don’t care; Z: high impedance
www.umw-ic.com
6
友台半导体有限公司
ST3485E
3.3V power supply, up to 256 nodes, 12Mbps half-duplex,
RS485/RS422 transceiver
UMW R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com