Electronic Components Datasheet Search
  English  ▼

X  

ST3485EBDR Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # ST3485EBDR
Description  3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

ST3485EBDR Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  ST3485EBDR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Positive-going input
threshold voltage
V
IT+
-7V V
≦
CM
12V
≦
+200
mV
Negative-going input
threshold voltage
V
IT-
-7V V
≦
CM
12V
≦
-200
mV
Hysteresis voltage
V
hys
-7V V
≦
CM
12V
≦
10
30
mV
High level output voltage
V
OH
I
OUT = −2.5mA,
V
ID = +200 mV
VCC-1.5
V
Low level output voltage
V
OL
I
OUT = +2.5mA,
V
ID = -200 mV
0.4
V
Tristate leakage current
I
OZR
0.4V < V
O < 2.4V
±1
μMAX/VSSA
Receiver input resistance
R
IN
-7V V
≦
CM
12V
≦
96
kΩ
Receiver short-circuit
current
I
OSR
0V ≤ V
O ≤ VCC
±8
±60
mA
(unless otherwise stated VCC=3.3V±10%, Temp=TMIN~TMAX, typical value is VCC=+3.3V, Temp=25°C)
Supply current
Driver switching characteristics
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Driver differential
output delay
t
DD
R
DIFF = 60 Ω,
C
L1=CL2=100pF
(see Figure 3 and Figure 4)
10
35
ns
Driver differential
output transition time
t
TD
12
25
ns
Driver propagation
delay, low-to-high
t
PLH
R
DIFF = 27 Ω,
(see Figure 3 and Figure 4)
8
35
ns
Driver propagation
delay, high-to-low
t
PHL
8
35
ns
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Supply current
I
CC1
/RE = 0V, DE = 0V
520
800
μMAX/VSSA
I
CC2
/RE = VCC, DE = VCC
540
700
μMAX/VSSA
www.umw-ic.com
4
友台半导体有限公司
ST3485E
3.3V power supply, up to 256 nodes, 12Mbps half-duplex,
RS485/RS422 transceiver
UMW R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com