Electronic Components Datasheet Search
  English  ▼

X  

ST3485EBDR Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # ST3485EBDR
Description  3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

ST3485EBDR Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  ST3485EBDR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ST3485E
●
1
R
8
4
D
5
3.3V power supply, up to 256 nodes, 12Mbps half-duplex,
RS485/RS422 transceiver
Features:
3.3V power supply, half-duplex;
 1/8 unit load allows up to 256 devices on the bus;
 Driver output short-circuit protection function;
 Over temperature protection function;
Low power shutdown function;
Receiver open circuit protection function;
Strong anti-noise ability;
 Integrated transient voltage resistance function;
Transmission rate up to 12Mbps in an electrical noise environment;
Description
The ST3485E is a 3.3V powered, half-duplex, low-power RS-485 transceiver that fully meets the
requirements of the TIA/EIA-485 standard.
The ST3485E includes a driver and a receiver, both of which can be independently enabled and
disabled. When both are disabled, both the driver and the receiver output a high impedance state. The
ST3485E has a 1/8 load that allows 256 ST3485E transceivers to be connected to the same
communication bus. Error-free data transfer of up to 12Mbps is possible.
The ST3485E operates from a voltage range of 3.0 to 3.6V and features fail-safe, over
temperature protection, current limit protection, over-voltage protection, and other functions.
Pin configuration
RO
VCC
RE
B
DE
A
DI
GND
Figure 1 ST3485E pin configuration
UMW R
www.umw-ic.com
1
友台半导体有限公司


Similar Part No. - ST3485EBDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3485EBDR STMICROELECTRONICS-ST3485EBDR Datasheet
361Kb / 16P
3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
02-Apr-1000
ST3485EBDR STMICROELECTRONICS-ST3485EBDR Datasheet
336Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
07-Apr-2006
ST3485EBDR STMICROELECTRONICS-ST3485EBDR Datasheet
823Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
12-Nov-2007
ST3485EBDR STMICROELECTRONICS-ST3485EBDR Datasheet
441Kb / 24P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps RS-485/RS-422 transceiver
Rev 11
logo
TECH PUBLIC Electronics...
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
More results

Similar Description - ST3485EBDR

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM485ESA LEIDITECH-LM485ESA Datasheet
4Mb / 10P
5V power supply, half-duplex, with 짹15KVESD protection, 500kbps transmission rate, 256-node RS485/RS422 transceiver
LM3085ESA LEIDITECH-LM3085ESA Datasheet
7Mb / 12P
5V power supply half-duplex, with 짹16KV ESD protection, 1Mbps communication rate, 256-node RS485/RS422 transceiver
logo
Guangdong Youtai Semico...
MAX3485E UMW-MAX3485E Datasheet
1Mb / 13P
3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
logo
UN Semiconducctor INC
UN3088ES UNSEMI-UN3088ES Datasheet
4Mb / 11P
3.3~5.5V Supply,16Mbps,Half-duplex, RS485/RS422 Transceiver
Revision March 1,2022
UN3485 UNSEMI-UN3485 Datasheet
5Mb / 12P
3.3V Supply,Up to 256 nodes 12Mbps,Half-duplex RS485/RS422 Transceiver
Revision March 1,2022
UN3485ES UNSEMI-UN3485ES Datasheet
4Mb / 11P
3.3V Supply,Up to 256 nodes,16Mbps, Half-duplex,RS485/RS422 Transceiver
Revision March 1,2022
UN485E UNSEMI-UN485E Datasheet
4Mb / 10P
±16kV ESD Protected 1Mbps, Half-duplex ,RS485/RS422 Transceiver
Revision March 1,2022
UN485ES UNSEMI-UN485ES Datasheet
4Mb / 10P
±16kV ESD Protected 16Mbps, Half-duplex ,RS485/RS422 Transceiver
Revision March 1,2022
logo
Guangdong Youtai Semico...
SP3485E UMW-SP3485E Datasheet
1Mb / 13P
3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
ADM3485EARZ UMW-ADM3485EARZ Datasheet
1Mb / 13P
3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com