Electronic Components Datasheet Search
  English  ▼

X  

ST3485EBDR Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # ST3485EBDR
Description  3.3V power supply, up to 256 nodes, 12Mbps half-duplex, RS485/RS422 transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

ST3485EBDR Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  ST3485EBDR Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. ST3485EBDR Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Differential output voltage
(no load)
VOD1
3.3
V
Differential output voltage
VOD2
Figure 2, RL = 54 Ω
1.5
VCC
V
Figure 2, RL = 100 Ω
2
VCC
Change in magnitude of
differential output voltage
(NOTE1)
∆VOD
Figure 2, R L = 54 Ω
0.2
V
Common mode output
voltage
VOC
Figure 2, RL = 54 Ω
3
V
Change in magnitude of
common mode output
voltage (NOTE1)
∆VOC
Figure 2, R L = 54 Ω
0.2
V
Input high voltage
VIH
DE, DI, /RE
2.0
V
Input low voltage
VIL
DE, DI, /RE
0.8
V
Logic input current
IIN1
DE, DI, /RE
-2
2
μMAX/VSSA
Output short-circuit current,
short-circuit to high
IOSD1
Short-circuit to 0V~12V
250
mA
Output short-circuit current,
short-circuit to low
IOSD2
Short-circuit to -7V~0V
-250
mA
Thermal shutdown
threshold
140
°C
Thermal shutdown
hysteresis
20
°C
(unless otherwise stated VCC=3.3V±10%, Temp=TMIN~TMAX, typical value is VCC=+3.3V, Temp=25°C)
NOTE1: ∆VOD and ∆VOC are the changes in VOD and VOC amplitude caused by a change of DI state of the input
signal.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input current (A, B)
I
IN2
DE = 0 V,
VCC=0 or 3.3V
VIN = 12 V
125
μMAX/VSSA
DE = 0 V,
VCC=0 or 3.3V
VIN = -7 V
-100
μMAX/VSSA
Driver electrical characteristics
Receiver electrical characteristics
www.umw-ic.com
3
友台半导体有限公司
ST3485E
3.3V power supply, up to 256 nodes, 12Mbps half-duplex,
RS485/RS422 transceiver
UMW R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com