Electronic Components Datasheet Search
  English  ▼

X  

TMP112A Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP112A
Description  Temperature range: -55°C ~ 150°C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP112A Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TMP112A Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Pin Configuration and Functions
Pin Functions
PIN
DESCRIPTION
NO.
NAME
1
SCL
Serial clock. Open-drain output, requires a pull-up resistor.
2
GND
Ground.
3
ALERT
Over temperature alert. Open-drain output, requires a pull-up resistor.
4
ADD0
Address select. Connect to V+, GND, SCL or SDA.
5
V+
Supply voltage, 1.4V to 5.5V.
6
SDA
Serial data input. Open-drain output, requires a pull-up resistor.
6
5
4
1
2
3
SCL
GND
ALERT
SDA
V+
ADD0
SOT563 Package
6-Pin Top View
www.umw-ic.com
2
友台半导体有限公司
UMW
R
TMP112A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com