Electronic Components Datasheet Search
  English  ▼

X  

TMP112A Datasheet(PDF) 6 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP112A
Description  Temperature range: -55°C ~ 150°C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP112A Datasheet(HTML) 6 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button TMP112A Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Table 2. 12-bit Temperature Data Format in Normal Temperature Measurement Mode
TEMPERATURE (°C)
DIGITAL OUPUT (BINARY)
HEX
128
0111 1111 1111
7FF
127.9375
0111 1111 1111
7FF
100
0110 0100 0000
640
80
0101 0000 0000
500
75
0100 1011 0000
4B0
50
0011 0010 0000
320
25
0001 1001 0000
190
0.25
0000 0000 0100
004
0
0000 0000 0000
000
–0.25
1111 1111 1100
FFC
–25
1110 0111 0000
E70
–55
1100 1001 0000
C90
Table 3. 13-bit Temperature Data Format in Extended Temperature Measurement Mode
TEMPERATURE (°C)
DIGITAL OUPUT (BINARY)
HEX
150
0 1001 0110 0000
0960
128
0 1000 0000 0000
0800
127.9375
0 0111 1111 1111
07FF
100
0 0110 0100 0000
0640
80
0 0101 0000 0000
0500
75
0 0100 1011 0000
04B0
50
0 0011 0010 0000
0320
25
0 0001 1001 0000
0190
0.25
0 0000 0000 0100
0004
0
0 0000 0000 0000
0000
–0.25
1 1111 1111 1100
1FFC
–25
1 1110 0111 0000
1E70
–55
1 1100 1001 0000
1C90
Shutdown Mode
Shutdown mode of the TMP112A device allows the user to conserve power by shutting down all device
circuitry except the serial interface, thereby reducing the current of the TMP112A to less than 0.5µA (typical
value). Shutdown mode is initiated when the SD bit in the configuration register is set to 1; after confi-
guring the registers in this way, the TMP112A will shut down after completing the current conversion. To exit
shutdown mode, write SD bit to 0, the TMP112A will re-enter continuous conversion mode.
www.umw-ic.com
6
友台半导体有限公司
UMW
R
TMP112A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com