Electronic Components Datasheet Search
  English  ▼

X  

TMP112A Datasheet(PDF) 11 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP112A
Description  Temperature range: -55°C ~ 150°C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP112A Datasheet(HTML) 11 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button TMP112A Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 14Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 15Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Figure 7. SMBus Alert Timing Diagram
General Call Reset
The TMP112A responds to the two-wire general call address 00h. The device acknowledges the general call
address and responds to commands in the second byte. If the second byte is 06h, the TMP112A resets the inter-
nal registers to the power-up reset values, and aborts the current temperature conversion. If the second byte is
other value, the TMP112A will not respond.
High-Speed Mode
SCL
SDA
START by
Master
0
0
0
1
1
0
0
R/W
1
0
0
1
0
A1
A0
STATUS
NACK by
Master
1
9
1
9
STOP by
Master
ALERT
Time-Out Function
The TMP112A resets the serial interface if SCL is held low for 30ms (typical) between a START and STOP
condition, the TMP112A releases the SDA bus and waits for a START condition. To avoid activating the Time-Out
function, a communication speed of at least 1kHz must be maintained.
www.umw-ic.com
11
友台半导体有限公司
ACK by
Frame 1 SMBus ALERT Response Address Byte
Frame 2 Slave Address From TMP112A
UMW
R
TMP112A
For the two-wire bus to operate at frequencies above 400kHz, the host device must issue a High-Speed mode
host code (0000 1xxxb) as the first byte after a START condition to switch the bus to high-speed operation. The
TMP112A device does not acknowledge this byte, but it does switch the input filters on the SDA and SCL and the
output filters on the SDA to operate in High-Speed mode, allowing the bus to transmit data at frequencies up to
2.75MHz. After the High-Speed mode host code is issued, the host transmits a two-wire device address to initiate a
data transfer operation. The bus continues to operate in High-Speed mode until a STOP condition occurs on
the bus. Upon receiving the STOP condition, the TMP112A switches the input and output filters back to fast-mode
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com