Electronic Components Datasheet Search
  English  ▼

X  

TMP112A Datasheet(PDF) 7 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP112A
Description  Temperature range: -55°C ~ 150°C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP112A Datasheet(HTML) 7 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button TMP112A Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Figure 4. Status of the ALERT Pin in Different Modes
One-Shot Mode
The TMP112A features a one-shot mode. When the TMP112A is in shutdown mode, writing 1 to the OS
bit starts a single temperature conversion. During the conversion, the OS bit reads 0. The TMP112A returns to the
shutdown state at the completion of the single conversion, the OS bit reads 1. This feature is useful for reducing
power consumption when continuous temperature monitoring is not required.
Since the TMP112A only needs 26ms for a single temperature measurement (typical value), it can
achieve a higher conversion rate through this mode. When using one-shot mode, 30 or more conversions per
second are possible.
ALERT
The TMP112A has a temperature alarm function, by writing the TM bit in the configuration register as 0 or 1,
the TMP112A can be configured as comparator mode or interrupt mode to achieve different alarm functions.
In comparison mode (TM=0), when the number of times the temperature measurement result continuously
equals or exceeds the temperature upper limit register value THIGH reaches the value defined by the F1/F0 bits in the
configuration register (as shown in Table 4), the ALERT pin will be activated. The ALERT pin will remain active until
the number of times the temperature measurement result is continuously lower than the temperature lower limit
register value TLOW reaches the value defined by F1/F0.
www.umw-ic.com
7
友台半导体有限公司
UMW
R
TMP112A
TMP112A
TMP112A
TMP112A
TMP112A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com