Electronic Components Datasheet Search
  English  ▼

X  

TMP112A Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP112A
Description  Temperature range: -55°C ~ 150°C
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

TMP112A Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  TMP112A Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. TMP112A Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Figure 2. TMP112A Internal ESD Equivalent Circuit
ESD Ratings
Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted).
and ≤4
Value
UNIT
Electrostatic
Discharge, VESD
Human Body Mode (HBM), per ANSI/ESDA/JEDEC JS-001
±5000
V
Machine Mode (MM), per JEDEC-STD Classification
300
V
MIN
NOM
MAX
UNIT
Supply Voltage
V+
1.4
3.3
5.5
V
Operating Temperature
TA
-50
150
°C
CORE
SDA
V+
GND
SCL
A0
ALERT
TMP112A
www.umw-ic.com
3
友台半导体有限公司
Specifications
Absolute Maximum Ratings
Over opera ting free -air temp erature range (unless ot herwise note d) . Stresses beyond th ose listed und er Absolute
Maximum Ratings
may cause permanent damage to the device.
MIN
MAX
UNIT
Supply Voltage, V+
6
V
Voltage at SCL, SDA, and ADD0
-0.5
6
V
Voltage at ALERT
-0.5
((V+)+0.3)
and ≤5.5
V
Operating Temperature
-55
160
°C
Junction Temperature
150
°C
Storage Temperature
-60
150
°C
UMW
R
TMP112A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com