Electronic Components Datasheet Search
  English  ▼

X  

AD8631ARTZ Datasheet(PDF) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8631ARTZ
Description  480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8631ARTZ Datasheet(HTML) 3 Page - Guangdong Youtai Semiconductor Co., Ltd.

  AD8631ARTZ Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings(TA= 25℃)
Symbol
Description
Value
Units
VS+,VS-
Supply Voltage, VS+ to VS–
7.0
V
VCM
Common-Mode Input Voltage
VS– – 0.3 to VS+ + 0.3
V
ESD
Electrostatic Discharge Voltage
HBM ±4000
V
CDM ±1000
V
TJ
Junction Temperature
160
°C
TSTG
Storage Temperature Range
–65 to +150
°C(TJ)
TJL
Lead Temperature Range
(Soldering 10 sec)
260
°C
Note:
1. Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These are stress ratings only, which do not imply functional operation of the device at these or any other conditions
beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
2. Provided device does not exceed maximum junction temperature (TJ) at any time.
480
μA, 6.5MHz, RRIO CMOS Operational Amplifiers
UMW
AD8631,AD8632,AD8634
R
www.umw-ic.com
3
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com