Electronic Components Datasheet Search
  English  ▼

X  

AD8631ARTZ Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8631ARTZ
Description  480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8631ARTZ Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  AD8631ARTZ Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical Characteristics
VS = 5.0V, TA = +25
℃, VCM = VS/2, VO = VS/2, and RL = 10kΩ connected to VS/2, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
INPUT CHARACTERISTICS
VOS
Input offset voltage
-4.2
±0.8
+4.2
mV
Over temperature
-4.5
+4.5
VOSTC
Offset voltage drift
2
μV/°C
IB
Input bias current
1
PA
Over temperature
800
IOS
Input offset current
1
PA
VCM
Common-mode voltage
range
VS––0.1
VS++0.1
V
CMRR
Common-mode rejection
ratio
VCM = 0.05V to 3.5V
84
dB
Over temperature
80
VCM = VS––0.1 to VS++0.1 V
76
AVOL
Open-loop voltage gain
RL= 10kΩ, VO = 0.05 to 3.5 V
100
Over temperature
90
RL= 600Ω, VO = 0.15 to 3.5 V
86
Over temperature
80
RIN
Input resistance
100
GΩ
CIN
Input capacitance
Differential
2.0
pF
Common mode
3.5
OUTPUT CHARACTERISTICS
VOH
High output voltage
swing
RL = 600Ω
VS+–130
mV
RL = 10kΩ
VS+–12
VOL
Low output voltage
swing
RL = 600Ω
120
mV
RL = 10kΩ
7
ZOUT
Closed-loop output
impedance
f = 200kHz, G = +1
0.4
Ω
Open-loop output
impedance
f = 1MHz, IO = 0
2.6
ISC
Short-circuit current
Source current through 10Ω
40
mA
Sink current through 10Ω
30
DYNAMIC PERFORMANCE
GBW
Gain bandwidth product
f = 1kHz
6.5
MHz
ΦM
Phase margin
CL = 100pF
60
°
SR
Slew rate
G = +1, CL = 100pF,
VO = 1.5V to 3.5V
4
V/μs
BWP
Full power bandwidt
h
<1% distortion
300
KHz
480
μA, 6.5MHz, RRIO CMOS Operational Amplifiers
UMW
AD8631,AD8632,AD8634
R
www.umw-ic.com
4
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com