Electronic Components Datasheet Search
  English  ▼

X  

AD8631ARTZ Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8631ARTZ
Description  480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8631ARTZ Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  AD8631ARTZ Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
480
μA, 6.5MHz, RRIO CMOS Operational Amplifiers
General Description
The AD8631A (single), AD8632A (dual)
and AD8634A (quad) are low noise,
low voltage, and micro power operational
amplifiers. With an excellent bandwidth of
6.5MHz, a slew rate of 4V/μs, and a
quiescent current of 480μA per amplifier at
5V, the AD863xA family can be designed into
a wide range of applications.
The AD863xA op-amps are designed
to provide optimal performance in low
voltage and low noise systems. The input
common-mode
voltage
range
includes
ground, and the maximum input offset
voltage are 4.2mV. These parts provide rail-
to-rail output swing into heavy loads. The
AD863xA family is specified for single or
dual power supplies of +2.3V to +5.5V. All
models are specified over the extended
industrial temperature range of −40℃ to
+125℃.
The AD8631A is available in 5-
lead SC70 and SOT-23 packages. The
AD8632A is available in 8-lead MSOP
,TSSOP and SOIC packages. The AD8634A
is available in 14-lead TSSOP and SOIC
packages.
Features
High Slew Rate: 4V/µs
Wide Bandwidth: 6.5MHz
Low Power: 480μA per Amplifier Supply
Current
Settling Time to 0.1% with 2V Step: 1 μs
Low Noise: 20 nV/√Hz@10KHz
High Gains of 103 dB for Active Filters and
Gain Stages
Low Offset Voltage: 4.2 mV Maximum
Unit Gain Stable
Rail-to-Rail Input and Output
Input Voltage Range: -0.1V to +5.1V
at 5V Supply
Operating Power Supply: +2.3V to +5.5V
Operating Temperature Range: -40℃ to +125℃
Applications
Photodiode Amplification
Sensor Interfaces
Audio Outputs
Active Filters
Driving A/D Converters
Portable Equipment & Battery-Powered
Instrumentation
UMW
AD8631,AD8632,AD8634
R
www.umw-ic.com
1
UTD Semiconductor Co.,Limited


Similar Part No. - AD8631ARTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8631ART AD-AD8631ART Datasheet
157Kb / 12P
1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
REV.0
AD8631ART-REEL7 AD-AD8631ART-REEL7 Datasheet
159Kb / 12P
1.8 V, 5 MHz Rail-to-Rail Low Power Operational Amplifiers
REV. 0
More results

Similar Description - AD8631ARTZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
1.8V, RRIO Operational Amplifiers
logo
Analog Devices
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
REV. E
OP196 AD-OP196_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP296 AD-OP296_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
OP496 AD-OP496_15 Datasheet
2Mb / 19P
Micropower RRIO Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM721 HMSEMI-HM721 Datasheet
2Mb / 13P
12MHz, High Slew Rate, RRIO CMOS Operational Amplifiers
logo
Texas Instruments
TLV9062-Q1 TI1-TLV9062-Q1 Datasheet
1Mb / 30P
Automotive 10-MHz, RRIO, CMOS Operational Amplifiers
logo
Shenzhen Huazhimei Semi...
HM8521 HMSEMI-HM8521 Datasheet
1Mb / 12P
3.4關A, 90kHz, RRIO CMOS Operational Amplifiers
HM8631 HMSEMI-HM8631 Datasheet
2Mb / 13P
520關A, 6.5MHz, RRIO CMOS Operational Amplifiers
logo
Guangdong Youtai Semico...
AD8541 UMW-AD8541 Datasheet
3Mb / 19P
1.1MHz, 85μA, CMOS, RRIO Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com