Electronic Components Datasheet Search
  English  ▼

X  

AD8631ARTZ Datasheet(PDF) 6 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8631ARTZ
Description  480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8631ARTZ Datasheet(HTML) 6 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button AD8631ARTZ Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Typical Performance Characteristics
At TA = +25
℃, VCM = VS/2, and RL = 10kΩ connected to VS/2, unless otherwise noted.
Input Offset Voltage Production Distribution
Input Bias Current as a function of Temperature
Power Supply and Common-mode Rejection Ratio
Open-loop Gain and Phase as a function of
as a function of Frequency.
Frequency
-50
-25
0
25
50
75
100
125
1
10
100
1000
10000
Temperature( oC)
480
μA, 6.5MHz, RRIO CMOS Operational Amplifiers
UMW
AD8631,AD8632,AD8634
R
www.umw-ic.com
6
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com