Electronic Components Datasheet Search
  English  ▼

X  

AD8631ARTZ Datasheet(PDF) 8 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # AD8631ARTZ
Description  480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

AD8631ARTZ Datasheet(HTML) 8 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button AD8631ARTZ Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. AD8631ARTZ Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Application Notes
Ground Sensing And Rail To Rail
The input common-mode voltage range of the AD863xA series extends 300mV
beyond the supply rails. This is achieved with a complementary input stage—a
N-channel input differential pair in parallel with a P-channel differential pair. For
normal operation, inputs should be limited to this range. The absolute maximum input
voltage is 500mV beyond the supplies. Inputs greater than the input common-mode
range but less than the maximum input voltage, while not valid, will not cause any
damage to the op-amp. Unlike some other op-amps, if input current is limited, the
inputs may go beyond the supplies without phase inversion, as shown in Figure 2.
Since the input common-mode range extends from (VS− − 0.1V) to (VS+ + 0.1V), the
AD863x op-amps can easily perform ‘true ground’ sensing.
Figure 2. No Phase Inversion with Inputs Greater Than the Power-Supply Voltage
A topology of class AB output stage with common-source transistors is used to
achieve rail-to-rail output. For light resistive loads (e.g. 100kΩ), the output voltage
can typically swing to within 5mV from the supply rails. With moderate resistive loads
(e.g. 10kΩ), the output can typically swing to within 10mV from the supply rails and
maintain high open-loop gain. See the Typical Characteristic curve, Output Voltage
Swing as a function of Output Current, for more information.
The maximum output current is a function of total supply voltage. As the supply
voltage to the amplifier increases, the output current capability also increases.
Attention must be paid to keep the junction temperature of the IC below 150℃ when
the output is in continuous short-circuit. The output of the amplifier has reverse-biased
ESD diodes connected to each supply. The output should not be forced more than 0.5V
beyond either supply, otherwise current will flow through these diodes.
Capacitive Load And Stability
480
μA, 6.5MHz, RRIO CMOS Operational Amplifiers
UMW
AD8631,AD8632,AD8634
R
www.umw-ic.com
8
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com