Electronic Components Datasheet Search
  English  ▼

X  

LAN8187 Datasheet(PDF) 13 Page - SMSC Corporation

Part # LAN8187
Description  짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8187 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button LAN8187 Datasheet HTML 9Page - SMSC Corporation LAN8187 Datasheet HTML 10Page - SMSC Corporation LAN8187 Datasheet HTML 11Page - SMSC Corporation LAN8187 Datasheet HTML 12Page - SMSC Corporation LAN8187 Datasheet HTML 13Page - SMSC Corporation LAN8187 Datasheet HTML 14Page - SMSC Corporation LAN8187 Datasheet HTML 15Page - SMSC Corporation LAN8187 Datasheet HTML 16Page - SMSC Corporation LAN8187 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
±15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
Datasheet
Revision 1.0 (12-14-06)
13
SMSC LAN8187/LAN8187I
DATASHEET
RXD0
O
Receive Data 0: Bit 0 of the 4 data bits that are sent by the PHY
in the receive path.
RXD1
O
Receive Data 1: Bit 1 of the 4 data bits that are sent by the PHY
in the receive path.
RXD2
O
Receive Data 2: Bit 2 of the 4 data bits that sent by the PHY in
the receive path.
Note:
This signal is not used in RMII Mode.
RXD3/
nINTSEL
O
Receive Data 3: Bit 3 of the 4 data bits that sent by the PHY in
the receive path.
nINTSEL: On power-up or external reset, the mode of the
nINT/TXER/TXD4 pin is selected.
When floated or pulled to VDDIO, nINT is selected (default).
When pulled low to VSS through a Pull-down resistor (see
Table 4.4, “Boot Strapping Configuration Resistors,” on
page 32), TXER/TXD4 is selected.
Notes:
RXD3 is not used in RMII Mode
If the nINT/TXER/TXD4 pin is configured for nINT mode, it
needs a pull-up resistor to VDDIO.
See Section 4.10, "(TX_ER/TXD4)/nINT Strapping," on
page 31 for additional information on configuration/strapping
options.
RX_ER/
RXD4
I/O
Receive Error: Asserted to indicate that an error was detected
somewhere in the frame presently being transferred from the
PHY.
MII Receive Data 4: In Symbol Interface (5B Decoding) mode,
this signal is the MII Receive Data 4 signal, the MSB of the
received 5-bit symbol code-group.
Notes:
The RX_ER signal is optional in RMII Mode.
RX_CLK
O
Receive Clock: 25MHz in 100Base-TX mode. 2.5MHz in
10Base-T mode.
Notes:
This signal is not used in RMII Mode
COL/CRS_DV
O
MII Collision Detect: Asserted to indicate detection of collision
condition.
RMII CRS_DV (Carrier Sense/Receive Data Valid) Asserted to
indicate when the receive medium is non-idle. When a 10BT
packet is received, CRS_DV is asserted, but RXD[1:0] is held
low until the SFD byte (10101011) is received. In 10BT, half-
duplex mode, transmitted data is not looped back onto the
receive data pins, per the RMII standard.
Note:
See Section 4.6.3, "MII vs. RMII Configuration," on
page 26 for more details.
Table 3.1 MII Signals (continued)
SIGNAL NAME
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com