Electronic Components Datasheet Search
  English  ▼

X  

LAN8187 Datasheet(PDF) 1 Page - SMSC Corporation

Part # LAN8187
Description  짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8187 Datasheet(HTML) 1 Page - SMSC Corporation

  LAN8187 Datasheet HTML 1Page - SMSC Corporation LAN8187 Datasheet HTML 2Page - SMSC Corporation LAN8187 Datasheet HTML 3Page - SMSC Corporation LAN8187 Datasheet HTML 4Page - SMSC Corporation LAN8187 Datasheet HTML 5Page - SMSC Corporation LAN8187 Datasheet HTML 6Page - SMSC Corporation LAN8187 Datasheet HTML 7Page - SMSC Corporation LAN8187 Datasheet HTML 8Page - SMSC Corporation LAN8187 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
SMSC LAN8187/LAN8187I
DATASHEET
Revision 1.0 (12-14-06)
Datasheet
PRODUCT FEATURES
LAN8187/LAN8187I
±15kV ESD Protected
MII/RMII Fast-Ethernet PHY
with HP Auto-MDIX and
SMSC flexPWRTM
Single-Chip Ethernet Physical Layer Transceiver
(PHY)
ESD Protection levels of ±8kV HBM without external
protection devices
ESD protection levels of IEC61000-4-2, ±8kV contact
mode, and ±15kV for air discharge mode per
independent test facility
Comprehensive SMSC flexPWRTM Technology
—
Flexible Power Management Architecture
LVCMOS Variable I/O voltage range: +1.6V to +3.6V
Integrated 3.3V to 1.8V regulator for optional single
supply operation.
—
Regulator can be disabled if 1.8V system supply is
available.
Performs HP Auto-MDIX in accordance with IEEE
802.3ab specification
Automatic Polarity Correction
Latch-Up Performance Exceeds 150mA per
EIA/JESD 78, Class II
Energy Detect power-down mode
Low Current consumption power down mode
Low operating current consumption:
—
39mA typical in 10BASE-T and
—
79mA typical in 100BASE-TX mode
Supports Auto-negotiation and Parallel Detection
Supports the Media Independent Interface (MII) and
Reduced Media Independent Interface (RMII)
Compliant with IEEE 802.3-2005 standards
—
MII Pins tolerant to 3.6V
IEEE 802.3-2005 compliant register functions
Integrated DSP with Adaptive Equalizer
Baseline Wander (BLW) Correction
Vendor Specific register functions
Low profile 64-pin TQFP lead-free RoHS compliant
package (10 x 10 x 1.4mm)
4 LED status indicators
Commercial Operating Temperature 0
° C to 70° C
Industrial Operating Temperature -40
° C to 85° C
version available (LAN8187I)
Applications
Set Top Boxes
Network Printers and Servers
LAN on Motherboard
10/100 PCMCIA/CardBus Applications
Embedded Telecom Applications
Video Record/Playback Systems
Cable Modems/Routers
DSL Modems/Routers
Digital Video Recorders
Personal Video Recorders
IP and Video Phones
Wireless Access Points
Digital Televisions
Digital Media Adaptors/Servers
POS Terminals
Automotive Networking
Gaming Consoles
Security Systems
Access Control
Order Number(S):
LAN8187-JT for 64-pin, TQFP Lead-Free RoHS Compliant Package
LAN8187I-JT for (Industrial Temp) 64-pin, TQFP Lead-Free RoHS Compliant Package


Similar Part No. - LAN8187

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8187 SMSC-LAN8187 Datasheet
1,006Kb / 66P
High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
LAN8187 SMSC-LAN8187 Datasheet
1Mb / 78P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
LAN8187-JT SMSC-LAN8187-JT Datasheet
1,006Kb / 66P
High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
LAN8187-JT SMSC-LAN8187-JT Datasheet
1Mb / 78P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
LAN8187I SMSC-LAN8187I Datasheet
1,006Kb / 66P
High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
More results

Similar Description - LAN8187

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN8187 SMSC-LAN8187 Datasheet
1,006Kb / 66P
High-Performance MII and RMII 10/100 Ethernet PHY with HP Auto-MDIX
LAN8700 SMSC-LAN8700 Datasheet
1,005Kb / 73P
짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWR TM in a Small Footprint
logo
Microchip Technology
LAN8700IC-AEZG MICROCHIP-LAN8700IC-AEZG Datasheet
1Mb / 83P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
Revision 2.3 (04-12-11)
logo
SMSC Corporation
LAN8710A SMSC-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR Technology
logo
Microchip Technology
LAN8700C-AEZG-TR MICROCHIP-LAN8700C-AEZG-TR Datasheet
723Kb / 83P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR Technology in a Small Footprint
Revision 2.3 04-12-11
LAN8710A MICROCHIP-LAN8710A Datasheet
1Mb / 82P
Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX
Revision 1.4 08-23-12
LAN8740A MICROCHIP-LAN8740A Datasheet
1Mb / 136P
Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
07/14/15
LAN8700 MICROCHIP-LAN8700 Datasheet
939Kb / 74P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX Support and flexPWR짰 Technology in a Small Footprint
06/23/16
logo
SMSC Corporation
LAN8187 SMSC-LAN8187_11 Datasheet
1Mb / 78P
짹15kV ESD Protected MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX & flexPWR짰 Technology
logo
Microchip Technology
LAN9250 MICROCHIP-LAN9250 Datasheet
2Mb / 421P
Integrated Ethernet PHY with HP Auto-MDIX
01/27/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com