Electronic Components Datasheet Search
  English  ▼

X  

LAN8187 Datasheet(PDF) 8 Page - SMSC Corporation

Part # LAN8187
Description  짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8187 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button LAN8187 Datasheet HTML 4Page - SMSC Corporation LAN8187 Datasheet HTML 5Page - SMSC Corporation LAN8187 Datasheet HTML 6Page - SMSC Corporation LAN8187 Datasheet HTML 7Page - SMSC Corporation LAN8187 Datasheet HTML 8Page - SMSC Corporation LAN8187 Datasheet HTML 9Page - SMSC Corporation LAN8187 Datasheet HTML 10Page - SMSC Corporation LAN8187 Datasheet HTML 11Page - SMSC Corporation LAN8187 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
±15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
Datasheet
SMSC LAN8187/LAN8187I
8
Revision 1.0 (12-14-06)
DATASHEET
Chapter 1 General Description
The SMSC LAN8187/LAN8187I is a low-power, industrial temperature (LAN8187I), variable I/O
voltage, analog interface IC with HP Auto-MDIX for high-performance embedded Ethernet applications.
The LAN8187/LAN8187I can be configured to operate on a single 3.3V supply utilizing an integrated
3.3V to 1.8V linear regulator. An option is available to disable the linear regulator to optimize system
designs that have a 1.8V power plane available.
1.1
Architectural Overview
The LAN8187/LAN8187I consists of an encoder/decoder, scrambler/descrambler, wave-shaping
transmitter, output driver, twisted-pair receiver with adaptive equalizer and baseline wander (BLW)
correction, and clock and data recovery functions. The LAN8187/LAN8187I can be configured to
support either the Media Independent Interface (MII) or the Reduced Media Independent Interface
(RMII).
The LAN8187/LAN8187I is compliant with IEEE 802.3-2005 standards (MII Pins tolerant to 3.6V) and
supports both IEEE 802.3-2005 -compliant and vendor-specific register functions. It contains a full-
duplex 10-BASE-T/100BASE-TX transceiver and supports 10-Mbps (10BASE-T) operation on
Category 3 and Category 5 unshielded twisted-pair cable, and 100-Mbps (100BASE-TX) operation on
Category 5 unshielded twisted-pair cable.
Figure 1.1 LAN8187/LAN8187I System Block Diagram
Hubs and switches with multiple integrated MACs and external PHYs can have a large pin count due
to the high number of pins needed for each MII interface. An increasing pin count causes increasing
cost.
The RMII interface is intended for use on Switch based ASICs or other embedded solutions requiring
minimal pincount for ethernet connectivity. RMII requires only 6 pins for each MAC to PHY interface
plus one common reference clock. The MII requires 16 pins for each MAC to PHY interface.
The SMSC LAN8187/LAN8187I is capable of running in RMII mode. Please refer to the RMII
consortium for more information on the RMII standard http://www.rmii-consort.com.
The LAN8187/LAN8187I referenced throughout this document applies to both the commercial
temperature and industrial temperature components. The LAN8187I refers to only the industrial
temperature component.
10/100
Media
Access
Controller
(MAC)
or SOC
SMSC
LAN8187/
LAN8187I
Magnetics
Ethernet
System Bus
LEDS/GPIO
25 MHz (MII) or 50MHz (RMIII)
Crystal or External Clock
MII /RMII



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com