Electronic Components Datasheet Search
  English  ▼

X  

COM20019 Datasheet(PDF) 10 Page - SMSC Corporation

Part # COM20019
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button COM20019 Datasheet HTML 6Page - SMSC Corporation COM20019 Datasheet HTML 7Page - SMSC Corporation COM20019 Datasheet HTML 8Page - SMSC Corporation COM20019 Datasheet HTML 9Page - SMSC Corporation COM20019 Datasheet HTML 10Page - SMSC Corporation COM20019 Datasheet HTML 11Page - SMSC Corporation COM20019 Datasheet HTML 12Page - SMSC Corporation COM20019 Datasheet HTML 13Page - SMSC Corporation COM20019 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
10
DISCONTINUED DATASHEET
NETWORK RECONFIGURATION
A significant advantage of the COM20019 is its
ability to adapt to changes on the network.
Whenever a new node is activated or deactivated,
a NETWORK RECONFIGURATION is performed.
When a new COM20019 is turned on (creating a
new
active node on the network), or if the
COM20019 has not received an INVITATION TO
TRANSMIT for 6.72S, or if a software reset
occurs, the COM20019 causes a NETWORK
RECONFIGURATION
by
sending
a
RECONFIGURE
BURST
consisting
of
eight
marks and one space repeated 765 times. The
purpose of this burst is to terminate all activity on
the network. Since this burst is longer than any
other type of transmission, the burst will interfere
with the next INVITATION
TO TRANSMIT,
destroy the token and keep any other node from
assuming control of the line.
When any COM20019 senses an idle line for
greater than 656 S, which occurs only when the
token Is lost, each COM20019 starts an internal
timeout equal to 1.168mS times the quantity 255
minus its own ID. The COM20019 starts network
reconfiguration by sending an invitation to transmit
first to itself and then to all other nodes by
decrementing the destination Node ID.
If the
timeout
expires
with
no
line
activity,
the
COM20019
starts
sending
INVITATION
TO
TRANSMIT with the Destination ID (DID) equal to
the currently stored NID. Within a given network,
only one COM20019 will timeout (the one with the
highest
ID
number).
After
sending
the
INVITATION TO TRANSMIT, the COM20019
waits for activity on the line. If there is no activity
for 597.6 S, the COM20019 increments the NID
value and transmits another INVITATION TO
TRANSMIT using the NID equal to the DID.
If
activity appears before the 597.6 S timeout
expires, the COM20019 releases control of the
line.
During NETWORK RECONFIGURATION,
INVITATIONS TO TRANSMIT are sent to all NIDs
(1-255).
Each COM20019 on the network will finally have
saved a NID value equal to the ID of the
COM20019 that it released control to. At this
point, control is passed directly from one node to
the next with no wasted INVITATIONS TO
TRANSMIT being sent to ID's not on the network,
until the next NETWORK RECONFIGURATION
occurs. When a node is powered off, the previous
node attempts to pass the token to it by issuing an
INVITATION TO TRANSMIT.
Since this node
does not respond, the previous node times out
and
transmits
another
INVITATION
TO
TRANSMIT to an incremented ID and eventually a
response will be received.
The
NETWORK
RECONFIGURATION
time
depends on the number of nodes in the network,
the propagation delay between nodes, and the
highest ID number on the network, but is typically
within the range of 192 to 488 mS.
BROADCAST MESSAGES
Broadcasting gives a particular node the ability to
transmit a data packet to all nodes on the network
simultaneously.
ID zero is reserved for this
feature and no node on the network can be
assigned ID zero. To broadcast a message, the
transmitting node's processor simply loads the
RAM buffer with the data packet and sets the DID
equal to zero. Figure 4 illustrates the position of
each byte in the packet with the DID residing at
address 0X01 or 1 Hex of the current page
selected in the "Enable Transmit from Page fnn"
command. Each individual node has the ability to
ignore broadcast messages by setting the most
significant bit of the "Enable Receive to Page fnn"
command to a logic "0".
EXTENDED TIMEOUT FUNCTION
There are three timeouts associated with the
COM20019 operation.
The values of these
timeouts are controlled by bits 3 and 4 of the
Configuration Register and bit 5 of the Setup 1
Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com