Electronic Components Datasheet Search
  English  ▼

X  

COM20019 Datasheet(PDF) 71 Page - SMSC Corporation

Part # COM20019
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019 Datasheet(HTML) 71 Page - SMSC Corporation

Back Button COM20019 Datasheet HTML 67Page - SMSC Corporation COM20019 Datasheet HTML 68Page - SMSC Corporation COM20019 Datasheet HTML 69Page - SMSC Corporation COM20019 Datasheet HTML 70Page - SMSC Corporation COM20019 Datasheet HTML 71Page - SMSC Corporation COM20019 Datasheet HTML 72Page - SMSC Corporation COM20019 Datasheet HTML 73Page - SMSC Corporation COM20019 Datasheet HTML 74Page - SMSC Corporation COM20019 Datasheet HTML 75Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 81 page
background image
A
A1
B
B1
C
D
D1
D2
D3
E
F
G
R
.160-.1 80
.090-.1 20
.013-.0 21
.026-.0 32
.020-.0 45
.485-.4 95
.450-.4 56
.390-.4 30
.300 R E F
.050 B S C
.042-.0 56
.042-.0 48
.025-.0 45
DIM
28L
J
.000-.0 20
NOT ES :
A ll dim ensions are in inch es.
C ircle indicating p in 1 can ap pear on a to p surfa ce as sh ow n on the draw in g or
righ t above it on a beveled edge.
1.
2.
PIN N O.
1
G
E
J
D3
J
D1
D
J
B1
B
A
A1
C
D2
F
R
FIGURE 21 - 28 PIN PLCC PACKAGE DIMENSIONS
71
DISCONTINUED DATASHEET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com