Electronic Components Datasheet Search
  English  ▼

X  

COM20019 Datasheet(PDF) 1 Page - SMSC Corporation

Part # COM20019
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019 Datasheet(HTML) 1 Page - SMSC Corporation

  COM20019 Datasheet HTML 1Page - SMSC Corporation COM20019 Datasheet HTML 2Page - SMSC Corporation COM20019 Datasheet HTML 3Page - SMSC Corporation COM20019 Datasheet HTML 4Page - SMSC Corporation COM20019 Datasheet HTML 5Page - SMSC Corporation COM20019 Datasheet HTML 6Page - SMSC Corporation COM20019 Datasheet HTML 7Page - SMSC Corporation COM20019 Datasheet HTML 8Page - SMSC Corporation COM20019 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
DISCONTINUED DATASHEET
COM20019
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8
On-Board RAM
FEATURES
•
New Features
-
Data Rates up to 312.5 Kbps
-
Programmable Reconfiguration Times
• 24 Pin DIP, 28 Pin PLCC, 48 Pin TQFP
Packages
• Ideal for Industrial/Factory/Building
Automation and Transportation
Applications
• Deterministic, (ANSI 878.1), Token Passing
ARCNET Protocol
• Minimal Microcontroller and Media
Interface Logic Required
• Flexible Interface For Use With All
Microcontrollers or Microprocessors
• Automatically Detects Type of
Microcontroller Interface
• 2Kx8 On-Chip Dual Port RAM
• Command Chaining for Packet Queuing
• Sequential Access to Internal RAM
• Software Programmable Node ID
• Eight, 256 Byte Pages Allow Four Pages TX
and RX Plus Scratch-Pad Memory
• Next ID Readable
• Internal Clock Scaler for Adjusting Network
Speed
• Operating Temperature Range of -40oC to
+85
oC
• Self-Reconfiguration Protocol
• Supports up to 255 Nodes
• Supports Various Network Topologies (Star,
Tree, Bus...)
• CMOS, Single +5V Supply
• Duplicate Node ID Detection
• Powerful Diagnostics
• Receive All Packets Mode
• Flexible Media Interface:
-
RS485 Differential Driver Interface For
Low Cost, Low Power, High Reliability
GENERAL DESCRIPTION
SMSC's COM20019 is a member of the family of
Embedded ARCNET Controllers from Standard
Microsystems
Corporation.
The device
is a
general purpose communications controller for
networking
microcontrollers
and
intelligent
peripherals
in
industrial,
automotive,
and
embedded control
environments
using
an
ARCNET protocol engine. The small 24 pin
package,
flexible
microcontroller
and
media
interfaces, eight- page message support, and
extended temperature range of the COM20019
make it the only true network controller optimized
for use in industrial, embedded, and automotive
applications. Using an ARCNET protocol engine
is
the
ideal
solution for
embedded
control
applications because it provides a deterministic
token-passing protocol, a highly reliable and


Similar Part No. - COM20019

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20019I SMSC-COM20019I Datasheet
505Kb / 65P
Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20019I SMSC-COM20019I Datasheet
392Kb / 65P
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20019I SMSC-COM20019I Datasheet
490Kb / 70P
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I SMSC-COM20019I Datasheet
391Kb / 65P
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20019I-DZD SMSC-COM20019I-DZD Datasheet
392Kb / 65P
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
More results

Similar Description - COM20019

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
COM20019I SMSC-COM20019I Datasheet
505Kb / 65P
Low Cost ARCNET(ANSI 878.1) Controller with 2k X 8 On-Board RAM
COM20019I SMSC-COM20019I_06 Datasheet
392Kb / 65P
Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
COM20020I SMSC-COM20020I Datasheet
415Kb / 72P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20022I SMSC-COM20022I_06 Datasheet
497Kb / 82P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20019I_0610 SMSC-COM20019I_0610 Datasheet
490Kb / 70P
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I SMSC-COM20020I_06 Datasheet
480Kb / 65P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20020I_0609 SMSC-COM20020I_0609 Datasheet
478Kb / 69P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
COM20022I-3V SMSC-COM20022I-3V Datasheet
491Kb / 83P
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
COM20019I SMSC-COM20019I_07 Datasheet
391Kb / 65P
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
logo
Microchip Technology
COM20020ILJP MICROCHIP-COM20020ILJP Datasheet
412Kb / 72P
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Revision 12-05-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com