Electronic Components Datasheet Search
  English  ▼

X  

COM20019 Datasheet(PDF) 36 Page - SMSC Corporation

Part # COM20019
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019 Datasheet(HTML) 36 Page - SMSC Corporation

Back Button COM20019 Datasheet HTML 32Page - SMSC Corporation COM20019 Datasheet HTML 33Page - SMSC Corporation COM20019 Datasheet HTML 34Page - SMSC Corporation COM20019 Datasheet HTML 35Page - SMSC Corporation COM20019 Datasheet HTML 36Page - SMSC Corporation COM20019 Datasheet HTML 37Page - SMSC Corporation COM20019 Datasheet HTML 38Page - SMSC Corporation COM20019 Datasheet HTML 39Page - SMSC Corporation COM20019 Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
36
DISCONTINUED DATASHEET
Table 12 - Setup 2 Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Read Bus Timing
Select
RBUSTMG This bit is used to Disable/Enable the High Speed CPU
Read
function
for
High
Speed
CPU
bus
support.
RBUSTMG=0: Disable (Default), RBUSTMG=1: Enable. It
does not influence write operation. High speed CPU Read
operation is only for non-multiplexed bus.
6,5,4
Reserved
These bits are undefined.
3
Enhanced
Functions
EF
This bit is used to enable the new enhanced functions in the
COM20019. EF = 0: Disable (Default), EF = 1: Enable. If EF
= 0, the timing and function is the same as in the
COM20020, Revision B. See appendix “A”. EF bit must be
‘1’ if the data rate is over 5Mbps.
EF bit should be ‘1’ for new design customers.
EF bit should be ‘0’ for replacement customers.
2
No Synchronous
NOSYNC
This bit is used to enable the SYNC command during
initialization. NOSYNC= 0, Enable (Default) The line must
be idle for the RAM initialization sequence to be written.
NOSYNC= 1, Disable:) The line does not have to be idle for
the RAM initialization sequence to be written. See appendix
“A”.
1,0
Reconfiguration
Timer 1, 0
RCNTM1,0 These bits are used to program the reconfiguration timer as a
function of maximum node count. These bits set the time out
period of the reconfiguration timer as shown below. The
time out periods shown are for 312.5 Kbps.
RCNTM1
RCNTM0
Time Out
Period
Max Node Count
0
0
6.72 S
Up to 255 nodes
0
1
1.68 S
Up to 64 nodes
1
0
840 mS
Up to 32 nodes
1
1
420 mS*
Up to 16 nodes
Note*: The node ID value 255 must exist in the network for
420 mS timeout to be valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com