Electronic Components Datasheet Search
  English  ▼

X  

COM20019 Datasheet(PDF) 3 Page - SMSC Corporation

Part # COM20019
Description  Low Cost ARCNET (ANSI 878.1) Controller with 2K x 8 On-Board RAM
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019 Datasheet(HTML) 3 Page - SMSC Corporation

  COM20019 Datasheet HTML 1Page - SMSC Corporation COM20019 Datasheet HTML 2Page - SMSC Corporation COM20019 Datasheet HTML 3Page - SMSC Corporation COM20019 Datasheet HTML 4Page - SMSC Corporation COM20019 Datasheet HTML 5Page - SMSC Corporation COM20019 Datasheet HTML 6Page - SMSC Corporation COM20019 Datasheet HTML 7Page - SMSC Corporation COM20019 Datasheet HTML 8Page - SMSC Corporation COM20019 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 81 page
background image
3
DISCONTINUED DATASHEET
TRANSMISSION MEDIA INTERFACE...............................................................................................17
TABLE OF CONTENTS
FEATURES ............................................................................................................................................. 1
GENERAL DESCRIPTION...................................................................................................................... 1
PIN CONFIGURATION............................................................................................................................ 4
DESCRIPTION OF PIN FUNCTIONS...................................................................................................... 5
PROTOCOL DESCRIPTION ................................................................................................................... 9
NETWORK PROTOCOL..................................................................................................................... 9
DATA RATES...................................................................................................................................... 9
NETWORK RECONFIGURATION .....................................................................................................10
BROADCAST MESSAGES ................................................................................................................10
EXTENDED TIMEOUT FUNCTION ...................................................................................................10
LINE PROTOCOL ..............................................................................................................................11
SYSTEM DESCRIPTION........................................................................................................................13
MICROCONTROLLER INTERFACE..................................................................................................13
FUNCTIONAL DESCRIPTION ...............................................................................................................23
MICROSEQUENCER ........................................................................................................................23
INTERNAL REGISTERS....................................................................................................................26
INTERNAL RAM.................................................................................................................................38
COMMAND CHAINING......................................................................................................................45
INITIALIZATION SEQUENCE ............................................................................................................47
IMPROVED DIAGNOSTICS ..............................................................................................................48
OPERATIONAL DESCRIPTION ............................................................................................................51
MAXIMUM GUARANTEED RATINGS* ..............................................................................................51
DC ELECTRICAL CHARACTERISTICS ............................................................................................51
TIMING DIAGRAMS...............................................................................................................................54
APPENDIX A..........................................................................................................................................74
APPENDIX B: EXAMPLE OF INTERFACE CIRCUIT DIAGRAM TO ISA BUS ...................................80
For more details on the ARCNET protocol engine and traditional dipulse signaling schemes,
please refer to the ARCNET Local Area Network Standard, available from Standard Microsystems
Corporation or the ARCNET Designer's Handbook, available from Datapoint Corporation.
For more detailed information on cabling options including RS485, transformer-coupled RS-485
and Fiber Optic interfaces, please refer to the following technical note which is available from
Standard Microsystems Corporation: Technical Note 7-5 - Cabling Guidelines for the COM20020
ULANC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com