Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 39 Page - Analog Devices

Part # LTM4675
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 35Page - Analog Devices LTM4675 Datasheet HTML 36Page - Analog Devices LTM4675 Datasheet HTML 37Page - Analog Devices LTM4675 Datasheet HTML 38Page - Analog Devices LTM4675 Datasheet HTML 39Page - Analog Devices LTM4675 Datasheet HTML 40Page - Analog Devices LTM4675 Datasheet HTML 41Page - Analog Devices LTM4675 Datasheet HTML 42Page - Analog Devices LTM4675 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 132 page
background image
LTM4683
39
Rev. 0
For more information www.analog.com
OPERATION
Figure 5. LTM4683 Status Register Summary per Controller
(PAGED)
MFR_PADS
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
VDD33 OV Fault
VDD33 UV Fault
(reads 0)
(reads 0)
Invalid ADC Result(s)
SYNC Clocked by External Source
Channel 1 is POWER_GOOD
Channel 0 is POWER_GOOD
LTM4683 Forcing RUN1 Low
LTM4683 Forcing RUN0 Low
RUN1 Pin State
RUN0 Pin State
LTM4683 Forcing FAULTn Low
LTM4683 Forcing FAULTn Low
FAULTn Pin State
FAULTn Pin State
STATUS_MFR_SPECIFIC
7
6
5
4
3
2
1
0
(PAGED)
4683 F05
STATUS_INPUT
7
6
5
4
3
2
1
0
MFR_INFO
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
EEPROM ECC Status
Reserved
Reserved
Reserved
Reserved
STATUS_WORD
STATUS_BYTE
7
6
5
4
3
2
1
0
(PAGED)
MFR_COMMON
7
6
5
4
3
2
1
0
Chip Not Driving ALERT Low
Chip Not Busy
Internal Calculations Not Pending
Output Not In Transition
EEPROM Initialized
(reads 0)
SHARE_CLK_LOW
WP Pin High
STATUS_TEMPERATURE
7
6
5
4
3
2
1
0
STATUS_CML
7
6
5
4
3
2
1
0
STATUS_VOUT*
7
6
5
4
3
2
1
0
(PAGED)
STATUS_IOUT
7
6
5
4
3
2
1
0
(PAGED)
VOUT_OV Fault
VOUT_OV Warning
VOUT_UV Warning
VOUT_UV Fault
VOUT_MAX Warning
TON_MAX Fault
TOFF_MAX Warning
(reads 0)
IOUT_OC Fault
(reads 0)
IOUT_OC Warning
(reads 0)
(reads 0)
(reads 0)
(reads 0)
(reads 0)
OT Fault
OT Warning
(reads 0)
UT Fault
(reads 0)
(reads 0)
(reads 0)
(reads 0)
Invalid/Unsupported Command
Invalid/Unsupported Data
Packet Error Check Failed
Memory Fault Detected
Processor Fault Detected
(reads 0)
Other Communication Fault
Other Memory or Logic Fault
15
14
13
12
11
10
9
8
VOUT
IOUT
INPUT
MFR_SPECIFIC
POWER_GOOD#
(reads 0)
(reads 0)
(reads 0)
BUSY
OFF
VOUT_OV
IOUT_OC
(reads 0)
TEMPERATURE
CML
NONE OF THE ABOVE
VIN_OV Fault
(reads 0)
VIN_UV Warning
(reads 0)
Unit Off for Insuffcient VIN
(reads 0)
IIN_OC Warning
(reads 0)
Internal Temperature Fault
Internal Temperature Warning
EEPROM CRC Error
Internal PLL Unlocked
Fault Log Present
VDD33 UV or OV Fault
VOUT Short Cycled
FAULT Pulled Low By External Device
MASKABLE
DESCRIPTION
General Fault or Warning Event
General Non-Maskable Event
Dynamic
Status Derived from Other Bits
Yes
No
No
No
GENERATES ALERT
Yes
Yes
No
Not Directly
BIT CLEARABLE
Yes
Yes
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com