Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 42 Page - Analog Devices

Part # LTM4675
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 42 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 38Page - Analog Devices LTM4675 Datasheet HTML 39Page - Analog Devices LTM4675 Datasheet HTML 40Page - Analog Devices LTM4675 Datasheet HTML 41Page - Analog Devices LTM4675 Datasheet HTML 42Page - Analog Devices LTM4675 Datasheet HTML 43Page - Analog Devices LTM4675 Datasheet HTML 44Page - Analog Devices LTM4675 Datasheet HTML 45Page - Analog Devices LTM4675 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 132 page
background image
LTM4683
42
Rev. 0
For more information www.analog.com
OPERATION
byte value. This hardware-level fault response delay is typ-
ically 2µs from the overvoltage condition to BG asserted
high. Using the VOUT_OV_FAULT_RESPONSE command,
the user can select any of the following behaviors:
n
OV Pull-Down Only (OV Cannot Be Ignored)
n
Shut Down (Stop Switching) Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely at the
Time Interval Specified in MFR_RETRY_DELAY
Either the Latch Off or Retry fault responses can be de-
glitched in increments of (0–7) • 10µs. See Table 17.
Output Undervoltage Response
The response to an undervoltage (UV) comparator output
can be the following:
n
Ignore
n
Shut Down Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely at the
Time Interval Specified in MFR_RETRY_DELAY.
The UV responses can be deglitched. See Table 18.
Peak Output Overcurrent Fault Response
Due to the current mode control algorithm, peak output
current across the inductor is always limited on a cycle-
by-cycle basis. The value of the peak current limit is speci-
fied in the Electrical Characteristics table. The current limit
circuit operates by limiting the COMPn maximum voltage.
Since internal DCR sensing is used, the COMPn maximum
voltage has a temperature dependency directly propor-
tional to the TC of the DCR of the inductor. The LTM4683
automatically monitors the external temperature sensors
and modifies the maximum allowed COMPn to compen-
sate for this term. See the IOUT_OC_FAULT_LIMIT in the
PMBus Command Details section for IOUT limiting details.
The overcurrent fault processing circuitry can execute the
following behaviors.
n
Current Limit Indefinitely
n
Shut Down Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely at the
Time Interval Specified in MFR_RETRY_DELAY.
The overcurrent responses can be deglitched in incre-
ments of (0–7) • 16ms. See Table 19.
RESPONSES TO TIMING FAULTS
TON_MAX_FAULT_LIMIT is the time allowed for VOUT to
rise and settle at start-up. The TON_MAX_FAULT_LIMIT
condition is predicated upon detecting the VOUT_UV_
FAULT_LIMIT as the output is undergoing a SOFT_START
sequence. The TON_MAX_FAULT_LIMIT time is started
after TON_DELAY has been reached, and a SOFT_START
sequence is started. The resolution of the TON_MAX_
FAULT_LIMIT is 10µs. If the VOUT_UV_FAULT_LIMIT is
not reached within the TON_MAX_FAULT_LIMIT time,
the response of this fault is determined by the value of
the TON_MAX_FAULT_RESPONSE command value. This
response may be one of the following.
n
Ignore
n
Shut Down (Stop Switching) Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely at the
Time Interval Specified in MFR_RETRY_DELAY.
This fault response is not deglitched. A value of 0 in
TON_MAX_FAULT_LIMIT means the fault is ignored.
The TON_MAX_FAULT_LIMIT should be set longer than
the TON_RISE time. It is recommended that TON_MAX_
FAULT_LIMIT always be set to a non-zero value; other-
wise, the output may never come up, and no flag will be
set for the user. See Table 21.
RESPONSES TO VIN OV FAULTS
VIN overvoltage is measured with the ADC. The response
is naturally deglitched by the 100ms typical response time
of the ADC. The fault responses:
n
Ignore
n
Shut Down Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely at the
Time Interval Specified in MFR_RETRY_DELAY. See
Table 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com