Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 97 Page - Analog Devices

Part # LTM4675
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 97 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 93Page - Analog Devices LTM4675 Datasheet HTML 94Page - Analog Devices LTM4675 Datasheet HTML 95Page - Analog Devices LTM4675 Datasheet HTML 96Page - Analog Devices LTM4675 Datasheet HTML 97Page - Analog Devices LTM4675 Datasheet HTML 98Page - Analog Devices LTM4675 Datasheet HTML 99Page - Analog Devices LTM4675 Datasheet HTML 100Page - Analog Devices LTM4675 Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 132 page
background image
LTM4683
97
Rev. 0
For more information www.analog.com
IOUT_OC_WARN_LIMIT
This command sets the value of the output current measured by the ADC that causes an output overcurrent warning
in Amperes. The READ_IOUT value will be used to determine if this limit has been exceeded.
In response to the IOUT_OC_WARN_LIMIT being exceeded, the device:
• Sets the NONE_OF_THE_ABOVE bit in the STATUS_BYTE
• Sets the IOUT bit in the STATUS_WORD
• Sets the IOUT Overcurrent Warning bit in the STATUS_IOUT command
• Notifies the host by asserting ALERT pin, unless masked
The IOUT_OC_FAULT_LIMIT is ignored during TON_RISE and TOFF_FALL.
This command has two data bytes and is formatted in Linear_5s_11s format.
Input Current and Limits
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
MFR_IIN_CAL_GAIN
0xE8 The resistance value of the input current sense
element in mΩ.
R/W Word
L11
mΩ
Y
1.000
0xE010
MFR_IIN_CAL_GAIN
The MFR_IIN_CAL_GAIN command is used to set the resistance value of the input current sense resistor in milliohms.
(see also READ_IIN).
This command has two data bytes and is formatted in Linear_5s_11s format.
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
IIN_OC_WARN_LIMIT
0x5D
Input overcurrent warning limit R/W Word
N
L11
A
Y
10.0
0xD280
IIN_OC_WARN_LIMIT
The IIN_OC_WARN_LIMIT command sets the value of the input current measured by the ADC, in amperes, which
causes a warning indicating the input current is high. The READ_IIN value will be used to determine if this limit has
been exceeded.
In response to the IIN_OC_WARN_LIMIT being exceeded, the device:
• Sets the OTHER bit in the STATUS_BYTE
• Sets the INPUT bit in the upper byte of the STATUS_WORD
• Sets the IIN Overcurrent Warning bit[1] in the STATUS_INPUT command
• Notifies the host by asserting the ALERT pin
This command has two data bytes and is formatted in Linear_5s_11s format.
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com