Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4675
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 3 Page - Analog Devices

  LTM4675 Datasheet HTML 1Page - Analog Devices LTM4675 Datasheet HTML 2Page - Analog Devices LTM4675 Datasheet HTML 3Page - Analog Devices LTM4675 Datasheet HTML 4Page - Analog Devices LTM4675 Datasheet HTML 5Page - Analog Devices LTM4675 Datasheet HTML 6Page - Analog Devices LTM4675 Datasheet HTML 7Page - Analog Devices LTM4675 Datasheet HTML 8Page - Analog Devices LTM4675 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 132 page
background image
LTM4683
3
Rev. 0
For more information www.analog.com
TABLE OF CONTENTS
Table 7. PMBus Commands Summary (NOTE: The
Data Format Abbreviations are Detailed in Table 8). 49
Table 8. Data Format Abbreviations......................54
Applications Information ................................55
VIN to VOUT Step-Down Ratios................................55
Input Capacitors .....................................................55
Output Capacitors...................................................55
Light Load Current Operation .................................55
Switching Frequency and Phase .............................56
Output Current Limit Programming ........................57
Minimum On-Time Considerations..........................58
Variable Delay Time, Soft-Start and Output Voltage
Ramping .................................................................58
Digital Servo Mode .................................................58
Soft Off (Sequenced Off)........................................59
Undervoltage Lockout.............................................60
Fault Detection and Handling..................................60
Open-Drain Pins .....................................................61
Phase-Locked Loop and Frequency Synchronization .. 61
Input Current Sense Amplifier.................................62
Programmable Loop Compensation .......................62
Checking Transient Response.................................62
PolyPhase Configuration ......................................64
Connecting The USB to I2C/SMBus/PMBus Controller
to the LTM4683 In System .....................................64
LTpowerPlay: An Interactive GUI for Digital Power .65
PMBus Communication and Command Processing65
Thermal Considerations and Output Current Derating. 67
Table 13. Single Channel Output Voltage vs
Capacitor Selection, 10A to 20A Load Step with
10A/µs Slew Rate ...............................................72
Table 14. Single Channel Output Voltage vs
Capacitor Selection, All Ceramic Configuration,
10A to 20A Load Step with 10A/µs Slew Rate ....73
Table 15. Dual Connected Channels Output Voltage
vs Capacitor Selection, Bulk and Ceramic Cap
Configuration, 10A to 30A Load Step with 20A/µs
Slew Rate ........................................................... 74
Table 16. Quad Connected Channels Output Voltage
vs Capacitor Selection, Bulk and Ceramic Cap
Configuration, 10A to 40A Load Step with 15A/µs
Slew Rate ...........................................................75
EMI Performance....................................................76
Safety Considerations.............................................76
Layout Checklist/Example ......................................76
Typical Applications ......................................78
PMBus Command Details ...............................83
Addressing and Write Protect.................................83
General Configuration Commands..........................85
On/Off/Margin ........................................................86
PWM Configuration ................................................88
Voltage....................................................................91
Input Voltage and Limits.......................................91
Output Voltage and Limits ....................................92
Output Current and Limits ......................................95
Input Current and Limits.......................................97
Temperature............................................................98
Power Stage DCR Temperature Calibration...........98
Power Stage Temperature Limits..........................98
Timing ....................................................................99
Timing—On Sequence/Ramp...............................99
Timing—Off Sequence/Ramp ............................ 100
Precondition for Restart ..................................... 101
Fault Response ..................................................... 101
Fault Responses All Faults.................................. 101
Fault Responses Input Voltage ........................... 102
Fault Responses Output Voltage......................... 102
Fault Responses Output Current......................... 105
Fault Responses IC Temperature ........................ 106
Fault Responses External Temperature............... 107
Fault Sharing......................................................... 108
Fault Sharing Propagation .................................. 108
Fault Sharing Response...................................... 110
Scratchpad ........................................................... 110
Identification..........................................................111
Fault Warning and Status...................................... 112
Telemetry.............................................................. 118
NVM Memory Commands .................................... 122
Store/Restore ..................................................... 122
Fault Logging...................................................... 123
Block Memory Write/Read.................................. 127
Package Description ................................... 128
Table 25. LTM4683 BGA Pinout.......................... 128
Package Description ................................... 129
Revision History ........................................ 131
Package Photos ......................................... 132
Design Resources ...................................... 132
Related Parts ............................................ 132



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com