Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 80 Page - Analog Devices

Part # LTM4675
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4675 Datasheet(HTML) 80 Page - Analog Devices

Back Button LTM4675 Datasheet HTML 76Page - Analog Devices LTM4675 Datasheet HTML 77Page - Analog Devices LTM4675 Datasheet HTML 78Page - Analog Devices LTM4675 Datasheet HTML 79Page - Analog Devices LTM4675 Datasheet HTML 80Page - Analog Devices LTM4675 Datasheet HTML 81Page - Analog Devices LTM4675 Datasheet HTML 82Page - Analog Devices LTM4675 Datasheet HTML 83Page - Analog Devices LTM4675 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 132 page
background image
LTM4683
80
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 50. Two Paralleled LTM4683 Producing 0.7VOUT at 250A. Integrated Power System Management Features Accessible
Over 2-Wire I2C/SMBus/PMBus Serial Interface
PGOOD
FAULT INTERRUPTS
ON_OFF_CONFIG
1m
1
1µF
150µF
787Ω
14.3k
VIN, 6V TO 14V
1m
1
1µF
ALERT
4.7µF
4.7µF
22µF
22µF
×8
+
560µF
×2
100µF
×2
787Ω
14.3k
15.4k
14.3k
18k
15.4k
4683 F50
SHARE_CLK SYNC
SDA
SCL
PGOOD3
PGOOD2
PGOOD1
PGOOD0
COMPa
COMPb
FAULT3
FAULT2
FAULT1
FAULT0
RUN3
RUN2
RUN1
RUN0
RUNP
VIN_VBIAS
SVIN_23
VIN23
IN_23–
IN_23+
SVIN_01
VIN01
IN_01–
IN_01+
SGND_01
SGND_23
GND
VOSNS0–
VOSNS0+
VOSNS–
VOSNS+
VOUT1
VOSNS–
VOSNS+
SW1
VOUT0
SW0
15.4k
14.3k
LTM4683
MODULE B
I2C/SMBus I/F WITH PMBus COMMAND
SET TO/FROM IPMI OR OTHER BOARD
MANAGEMENT CONTROLLER
CONFIG RESISTORS ARE TO BE 1%, 50PPM
MFR_CONFIG_ALL BIT[6] = 0
MFR_CONFIG_ALL BIT[4] = 1
SUBORDINATE DEVICE 0,1 ADDRESS:100_1101_R/W
SUBORDINATE DEVICE 2,3 ADDRESS:100_1100_R/W
+
100µF
×2
VOSNS1–
VOSNS1+
VOSNS–
VOSNS+
SW2
560µF
×2
100µF
×2
VOSNS2–
VOSNS2+
VOSNS–
VOSNS+
SW3
VOUT2
+
100µF
×2
VOSNS3–
VOSNS3+
VOSNS–
VOSNS+
VOUT3
VDD33A_01
PGOOD
FAULTB
ON_OFF_CONFIG
4.99k
VDD33A_01
1m
1
1µF
150µF
4.99k
4.99k
787Ω
10000pF
470pF
14.3k
VIN, 6V TO 14V
1m
1
1µF
4.99k
ALERT
4.99k
4.99k
4.99k
4.99k
4.7µF
4.7µF
22µF
22µF
×8
+
560µF
×2
100µF
×2
787Ω
14.3k
1.5.4k
14.3k
32.4k
22.6k
SHARE_CLK
SYNC
SDA
SCL
PGOOD3
PGOOD2
PGOOD1
PGOOD0
COMPa
COMPb
FAULT3
FAULT2
FAULT1
FAULT0
RUN3
RUN2
RUN1
RUN0
RUNP
VIN_VBIAS
SVIN_23
VIN23
IN_23–
IN_23+
SVIN_01
VIN01
IN_01–
IN_01+
SGND_01
SGND_23
GND
VOSNS0–
VOSNS0+
VOSNS–
VOSNS+
VOUT1
SW1
VOUT0
SW0
15.4k
14.3k
LTM4683
MODULE A
I2C/SMBus I/F WITH PMBus COMMAND
SET TO/FROM IPMI OR OTHER BOARD
MANAGEMENT CONTROLLER
CONFIG RESISTORS ARE TO BE 1%, 50PPM
MFR_CONFIG_ALL BIT[6] = 0
MFR_CONFIG_ALL BIT[4] = 0
MAIN DEVICE 0,1 ADDRESS:100_1111_R/W
MFR_CONFIG_ALL BIT[4] = 1
SUBORDINATE DEVICE 2,3 ADDRESS:100_1110_R/W
+
100µF
×2
VOSNS1–
VOSNS1+
VOSNS–
VOSNS+
SW2
560µF
×2
100µF
×2
VOSNS2–
VOSNS2+
VOSNS–
VOSNS+
SW3
VOUT2
+
100µF
×2
VOSNS3–
VOSNS3+
VOSNS–
VOSNS+
VOUT3
0.7V AT 250A
LOAD
SGND
CHANNEL0: gm = 2.35mS, RCOMP = 8k, FREQ = 575kHz
CHANNEL1: gm = 2.35mS, RCOMP = 8k, FREQ = 575kHz
CHANNEL2: gm = 2.35mS, RCOMP = 8k, FREQ = 575kHz
CHANNEL3: gm = 2.35mS, RCOMP = 8k, FREQ = 575kHz
RUN
FAULTB
RUN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com