Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 4 Page - Analog Devices

  ADF4378 Datasheet HTML 1Page - Analog Devices ADF4378 Datasheet HTML 2Page - Analog Devices ADF4378 Datasheet HTML 3Page - Analog Devices ADF4378 Datasheet HTML 4Page - Analog Devices ADF4378 Datasheet HTML 5Page - Analog Devices ADF4378 Datasheet HTML 6Page - Analog Devices ADF4378 Datasheet HTML 7Page - Analog Devices ADF4378 Datasheet HTML 8Page - Analog Devices ADF4378 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
Data Sheet
ADF4378
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 85
3.3 V Supply Group 1 pins voltage (V3.3V_1) = 3.15 V to 3.45 V, Supply Group 2 pins voltage (V3.3V_2) = 3.15 V to 3.45 V, VV5_VCO = VV5_CP =
VV5_CAL = 4.75 V to 5.25 V, all voltages are with respect to GND, TA = −40°C to +105°C, operating temperature range, unless otherwise noted.
Table 1. Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE INPUTS (REFP, REFN)
Input Frequency
fREF
10
1000
MHz
Non-SYSREF applications
10
500
MHz
SYSREF applications
Input Signal Level
VREF
0.5
2.6
V p-p
See Figure 66
Minimum Input Slew Rate
100
V/μs
Input Duty Cycle
50
%
Self-Bias Voltage
1.85
V
Input Resistance
3
kΩ
Differential
Input Capacitance
1
pF
Differential
Input Current
−2
μA
REFERENCE PEAK DETECTOR
Input Frequency
10
1000
MHz
Minimum Input Signal Detected (REF_OK Bit = 1)
200
mV p-p
fREF = 100 MHz, single-ended sine wave
Maximum Input Signal Not Detected (REF_OK Bit =
0)
160
mV p-p
fREF = 100 MHz, single-ended sine wave
REFERENCE DIVIDER
R
1
63
Non-SYSREF applications, all integers
included
1
1
SYSREF applications
REFERENCE DOUBLER
Input Frequency
10
250
MHz
EN_RDBLR = 1
PHASE/FREQUENCY DETECTOR (PFD)
Input Frequency
fPFD
3
500
MHz
SYSREF INPUTS (SR_INP, SR_INN)
Input Frequency
fSR_IN
DC
125
MHz
fREF ÷ fSR_IN must be an even integer
Input Signal Level
VSR_IN
0.4
2.6
V p-p
SR_SEL = 0, fSR_IN = 10 MHz
0.4
2.6
V p-p
SER_SEL = 1,fSR_IN = 10 MHz
Self-Bias Voltage (AC-Coupled)
VCM
1.85
V
SR_SEL = 0, fSR_IN = 10 MHz
1.3
V
SR_SEL = 1, fSR_IN = 10 MHz
Input Common Mode Voltage Range (DC-Coupled)
VCM
1.4
3.1
V
SR_SEL = 0, fSR_IN = 10 MHz, VSR_IN = 0.8 V
p-p
0.5
1.6
V
SR_SEL = 1, fSR_IN = 10 MHz, VSR_IN = 0.8 V
p-p
Input Resistance
3
kΩ
Differential
Input Capacitance
1
pF
Differential
Input Current
−2
μA
SYSREF to Reference Setup Time
400
ps
VCM set to self-bias voltage, V p-p = 0.8 V p-p
SYSREF to Reference Hold Time
600
ps
VCM set to self-bias voltage, V p-p = 0.8 V p-p
SYSREF Monitor Window Around Metastability State
±190
ps
CHARGE PUMP (CP)
Output Current Range
ICP
0.79 to
11.1
mA
Set by CP_I bit fields
Output Current Source/Sink Accuracy
±2
%
All CP_I bit field settings, VCP = VV5_CP/2
Output Current Source/Sink Matching
±2
%
All CP_I bit field settings, VCP = VV5_CP/2
Output Current vs. Output Voltage Sensitivity
0.2
%/V
VCP1
Output Current vs. Temperature
280
ppm/°C
VCP = VV5_CP/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com