Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 69 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 65Page - Analog Devices ADF4378 Datasheet HTML 66Page - Analog Devices ADF4378 Datasheet HTML 67Page - Analog Devices ADF4378 Datasheet HTML 68Page - Analog Devices ADF4378 Datasheet HTML 69Page - Analog Devices ADF4378 Datasheet HTML 70Page - Analog Devices ADF4378 Datasheet HTML 71Page - Analog Devices ADF4378 Datasheet HTML 72Page - Analog Devices ADF4378 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 85 page
background image
Data Sheet
ADF4378
REGISTER DETAILS
analog.com
Rev. 0 | 69 of 85
Table 78. Bit Descriptions for REG0025
Bits
Bit Name
Description
Reset
Access
7
CLKODIV_DB
Enables Double Buffering for CLKOUT_DIV Bit Field.
0x0
R/W
0: disabled.
1: enabled.
6
DCLK_DIV_DB
Enables Double Buffering for the DCLK_DIV1 and DCLK_DIV2 Bit Fields.
0x0
R/W
0: disabled.
1: enabled.
5
R025_RSV3
Reserved. Table 44 provides required reserved register settings.
0x0
R/W
4
R025_RSV2
Reserved. Table 44 provides required reserved register settings.
0x0
R/W
[3:0]
R025_RSV1
Reserved. Table 44 provides required reserved register settings.
0x0
R/W
Address: 0x26, Reset: 0x00, Name: REG0026
Figure 152.
Table 79. Bit Descriptions for REG0026
Bits
Bit Name
Description
Reset
Access
[7:0]
VCO_BAND_DIV
Time for Each VCO Calibration Decision. Determined by the equation shown in the VCO Calibration
section.
0x0
R/W
Address: 0x27, Reset: 0x00, Name: REG0027
Figure 153.
Table 80. Bit Descriptions for REG0027
Bits
Bit Name
Description
Reset
Access
[7:0]
SYNTH_LOCK_TIMEOUT[7:0]
Timeout for the Calibration DAC Settling Time During a VCO Calibration. Determined
by the equation shown in the VCO Calibration section.
0x0
R/W
Address: 0x28, Reset: 0x00, Name: REG0028
Figure 154.
Table 81. Bit Descriptions for REG0028
Bits
Bit Name
Description
Reset
Access
7
O_VCO_DB
Enables Double Buffering for the M_VCO_CORE, M_VCO_BAND, and
M_VCO_BIAS Bit Fields.
0x0
R/W
0: disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com