Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 49 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 45Page - Analog Devices ADF4378 Datasheet HTML 46Page - Analog Devices ADF4378 Datasheet HTML 47Page - Analog Devices ADF4378 Datasheet HTML 48Page - Analog Devices ADF4378 Datasheet HTML 49Page - Analog Devices ADF4378 Datasheet HTML 50Page - Analog Devices ADF4378 Datasheet HTML 51Page - Analog Devices ADF4378 Datasheet HTML 52Page - Analog Devices ADF4378 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
Data Sheet
ADF4378
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 49 of 85
Figure 111. Common Clock Interface: Single-Ended Clock with End
Termination (ZO = 50 Ω)
SYSREF Output Networks
The ADF4378’s differential output is designed to interface with
most LVDS compatible interfaces while driving transmission lines
with far-end termination. Figure 112 shows DC-coupled output
configurations. Note that some receiver devices have the 100 Ω
termination resistor internal to the part, in which case the external
100 Ω resistor is unnecessary.
Figure 112. Common SYSREF Connections
MEASURING DIFFERENTIAL SPURS WITH A
SINGLE-ENDED TEST INSTRUMENT
Using a spectrum analyzer to measure spurious signals on the
single-ended output of a clock generation chip gives pessimistic
results, particularly for outputs that approximate square waves.
There are two reasons for this.
First, because the spurious energy is often an AC signal superim-
posed on the power supply, a differential output rejects the spurs to
within the matching of the positive and negative outputs. Observing
only one side of the differential output provides no rejection.
Second, and most importantly, the spectrum analyzer displays all
of the energy at its input, which includes amplitude modulation that
occurs at the top and bottom pedestal voltage of the square wave.
However, only amplitude modulation near a zero crossing affects
the clock.
The best way to remove this measurement error is to drive the
clock generator output differentially into a limiting buffer on a sep-
arate clean power supply. One of the differential outputs of the
limiting buffer can then connect to a spectrum analyzer to correctly
measure the spurious energy. An example of this technique using
the ADF4378 as the clock generator and an HMC940 as the limiter
is shown in Figure 113.
Figure 113. Example of Spurious Measurement Techniques



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com