Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 39 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 35Page - Analog Devices ADF4378 Datasheet HTML 36Page - Analog Devices ADF4378 Datasheet HTML 37Page - Analog Devices ADF4378 Datasheet HTML 38Page - Analog Devices ADF4378 Datasheet HTML 39Page - Analog Devices ADF4378 Datasheet HTML 40Page - Analog Devices ADF4378 Datasheet HTML 41Page - Analog Devices ADF4378 Datasheet HTML 42Page - Analog Devices ADF4378 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
Data Sheet
ADF4378
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 39 of 85
VPK= 2× 10 PdBm/10×50 Ω/1000 mW (23)
VPK= 2× 10 7 dBm/10×50 Ω/1000 mW =0.707
 VPKSlew Rate=2×π×fREF×VPK=2×π×125
 MHz×0.707=
556 V/μs
Based on Table 7 and Figure 43, a reference input slew rate of 556
V/μs minimizes LNORM when the LNA reference amplifier is selected
by setting REF_SEL = 1. When the LNA reference amplifier is
selected, Table 8 requires FILT_REF = 0 when fREF = 125 MHz, and
Table 9 requires BST_REF = 1 when VREF = 2 × 0.707 VPK = 1.414
Vp-p.
The reference peak detector (for more information, see the Refer-
ence Peak Detector section) consumes minimal power, ~10 mW,
and does not degrade performance. As a result, PD_RDET can be
set to 0 or 1 to meet the design goals. The reference and loop
filter design is created with PD_RDET = 0 to allow for the option to
monitor the reference signal with the REF_OK bit.
Table 25. SPI Summary, Reference and Loop Filter Design
Bit Field
Value
EN_RDBLR
0x1
R_DIV
0x1
CP_I
0xF
REF_SEL
0x1
FILT_REF
0x0
BST_REF
0x1
PD_RDET
0x0
For the recommended reference input network, see Figure 86,
single-ended 50 Ω source (VREFIN < 2.6 V p-p).
For ADIsimPLL loop filter design, note that the selected LNA refer-
ence amplifier has a higher gain than the DMA reference amplifier.
As a result, the LNA generates larger reference spurious content,
which requires a 5th order loop filter design to achieve the stated
typical spurious performance of −100 dBc. However, the DMA has
less reference spurious content and can use a simpler 4th order
loop filter design for the same spurious result. For the purposes of
the reference and loop filter design, assume ADIsimPLL created a
loop filter with a 460 kHz loop bandwidth. The loop filter bandwidth
is required later in this design to determine the LD_COUNT setting.
Output Selection, Frequency and Amplitude
The Design and Programming Example 1: Single ADF4378 section
design goals require fOUT = 12 GHz. Table 18 sets CLKOUT_DIV
= 0 and O = 1 when fOUT = 12 GHz. The PLL feedback divider
bit fields, N_INT, Bits[11:0], can be determined from Equation 4,
Equation 6, and Table 20.
fOUT=fVCO/O=fVCO
fVCO=fREF×D×N×O, solving
 for N produces
N=fVCO/fREF×D×O =
12 GHz/
125 MHz × 2 × 1 =48, N_INT setting
The clock output buffer amplitude (for more information, see the
Clock Output Buffer section) does not have a noticeable effect on
jitter performance, see Figure 9. However, Figure 52 indicates that
lower amplitudes decrease the supply current. Therefore, choose
the lowest amplitude setting the ADC clock input accepts. For the
frequency and amplitude output selection, choose the clock output
buffer amplitude by setting CLKOUT_OP = 1 (see Figure 32 and
Table 21).
Common ADF4378 clock output networks are shown in Figure 109.
Table 26. SPI Summary, Output Selection, Frequency and Amplitude
Bit Field
Value
CLKOUT_DIV
0x0
N_INT, Bits[11:0]
0x30
CLKOUT_OP
0x1
PD_CLKOUT
0x0
Reference to Output Propagation Delay
Settings
Reference to output propagation delay is not shown in the Design
and Programming Example 1: Single ADF4378 section. In the
Design and Programming Example 1: Single ADF4378 section, it
is stated to prioritize to the lowest jitter performance. Setting the
reference to output delay controls to their minimum setting achieves
the lowest jitter by minimizing LNORM and L1/f (see Figure 12,
Figure 15, Figure 42, and Figure 45). As shown in Figure 14, the
INV_CLKOUT setting does not affect jitter performance and can
remain at its power on reset state of 0.
Table 27. SPI Summary, Propagation Delay
Bit Field
Value
EN_BLEED
0x0
BLEED_I
0x0
BLEED_POL
0x0
R_DEL
0x0
N_DEL
0x0
INV_CLKOUT
0x0
Lock Detector Settings
To enable the lock detector (for more information, see the Lock
Detector section), set the EN_LOL and EN_LDWIN bits to 1. The
LD_COUNT bit field is determined by Equation 12. As shown in
the Reference and Loop Filter Design section, a 460 kHz loop
bandwidth (LPBW) is assumed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com