Electronic Components Datasheet Search
  English  ▼

X  

ADF4378 Datasheet(PDF) 21 Page - Analog Devices

Part # ADF4378
Description  Microwave Wideband Synthesizer with Integrated VCO and Deterministic General- Purpose Pulse Retimer
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4378 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF4378 Datasheet HTML 17Page - Analog Devices ADF4378 Datasheet HTML 18Page - Analog Devices ADF4378 Datasheet HTML 19Page - Analog Devices ADF4378 Datasheet HTML 20Page - Analog Devices ADF4378 Datasheet HTML 21Page - Analog Devices ADF4378 Datasheet HTML 22Page - Analog Devices ADF4378 Datasheet HTML 23Page - Analog Devices ADF4378 Datasheet HTML 24Page - Analog Devices ADF4378 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
Data Sheet
ADF4378
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 21 of 85
Figure 54. 5 V Supply Current at Various Output Frequencies and Junction
Temperatures
Figure 55. 5 V Supply Current at Various Output Frequencies and Power
Supply Voltages
Figure 56. 5 V Delta Supply Current (ΔCURRENT) at Various CP_I Settings
Figure 57. DMA Reference Input Sensitivity at Various Reference
Frequencies and Temperatures
Figure 58. LNA Reference Input Sensitivity at Various Reference Frequencies
and Temperatures
Figure 59. Reference Input Signal Detected at Various Reference Frequencies
and Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com