Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 39 Page - Analog Devices

Part # LT3045
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 39 Page - Analog Devices

Back Button LT3045 Datasheet HTML 35Page - Analog Devices LT3045 Datasheet HTML 36Page - Analog Devices LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices LT3045 Datasheet HTML 39Page - Analog Devices LT3045 Datasheet HTML 40Page - Analog Devices LT3045 Datasheet HTML 41Page - Analog Devices LT3045 Datasheet HTML 42Page - Analog Devices LT3045 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
39 of 47
Figure 81. Ratiometric Tracking
Figure 82. Ultra-Low 1/f Noise Reference Buffer
10µF
0.1µF
4.7µF
0.2µF
4.7µF
33.2kΩ
16.9kΩ
IN
EN/UV
PGFB
VIN
5.5V TO 20V
SET
GND
ILIM
OUTS
OUT
LT3046
VOUT
3.3V
MIN LOAD 200µA
PG
IN
EN/UV
PGFB
SET
GND
ILIM
OUTS
OUT
LT3046
VOUT
5V
PG
100µA
100µA
4.7µF
4.7µF
1kΩ
10µF
49.9kΩ
IN
EN/UV
PGFB
VIN
6V ±5%
SET
GND
ILIM
OUTS
OUT
LT3046
VOUT = 5V
IOUT (MAX)
200mA
PG
LTC6655-5
1,2
3,4,5,8
6,7
4.7µF
100µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com