Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 2 Page - Analog Devices

Part # LT3045
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 2 Page - Analog Devices

  LT3045 Datasheet HTML 1Page - Analog Devices LT3045 Datasheet HTML 2Page - Analog Devices LT3045 Datasheet HTML 3Page - Analog Devices LT3045 Datasheet HTML 4Page - Analog Devices LT3045 Datasheet HTML 5Page - Analog Devices LT3045 Datasheet HTML 6Page - Analog Devices LT3045 Datasheet HTML 7Page - Analog Devices LT3045 Datasheet HTML 8Page - Analog Devices LT3045 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
2 of 47
TABLE OF CONTENTS
Features.................................................................................1
Applications ..........................................................................1
General Description ..............................................................1
TYPICAL APPLICATION ..........................................................1
Revision History ....................................................................2
Specifications........................................................................3
Absolute Maximum Ratings ..................................................7
Thermal Resistance ..........................................................8
Electrostatic Discharge (ESD)...........................................8
ESD Ratings.......................................................................8
ESD Caution ......................................................................8
Pin Configurations and Function Descriptions ....................9
Typical Performance Characteristics .................................12
Theory of Operation............................................................23
Applications Information....................................................24
Output Voltage................................................................24
Output Sensing and Stability .........................................25
Stability and Output Capacitance..................................26
High Vibration Environments .........................................28
Stability and Input Capacitance.....................................28
PSRR and Input Capacitance..........................................29
Filtering High-Frequency Spikes.................................... 29
Output Noise .................................................................. 29
SET Pin (Bypass) Capacitance: Noise, PSRR, Transient
Response, and Soft-Start ............................................... 30
Fast Startup.................................................................... 30
EN/UV.............................................................................. 30
Programmable Power Good .......................................... 31
Externally Programmable Current Limit ....................... 31
Output Overshoot Recovery .......................................... 31
Direct Paralleling for Higher Current ............................. 32
PCB Layout Considerations ........................................... 33
Thermal Considerations ................................................ 33
Calculating Junction Temperature ............................... 34
Overload Recovery ......................................................... 35
Protection Features ....................................................... 35
Typical Applications ........................................................... 36
Related Products ................................................................ 44
Outline Dimensions ............................................................ 45
Ordering Guide ................................................................... 46
Selector Guide .................................................................... 46
REVISION HISTORY
REVISION NUMBER
REVISION DATE
NATURE OF CHANGE
PAGE NUMBER
0
10/23
Initial Release
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com