Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 13 Page - Analog Devices

Part # LT3045
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT3045 Datasheet HTML 9Page - Analog Devices LT3045 Datasheet HTML 10Page - Analog Devices LT3045 Datasheet HTML 11Page - Analog Devices LT3045 Datasheet HTML 12Page - Analog Devices LT3045 Datasheet HTML 13Page - Analog Devices LT3045 Datasheet HTML 14Page - Analog Devices LT3045 Datasheet HTML 15Page - Analog Devices LT3045 Datasheet HTML 16Page - Analog Devices LT3045 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
13 of 47
(TJ = +25°C, unless otherwise noted.)
Figure 10. SET Pin Current vs. Output Voltage
Figure 11. Offset Voltage (VOUT- VSET) vs. Output Voltage
Figure 12. Error Amplifier Switchover Point vs. Temperature
Figure 13. ISET and VOS Load Regulation vs. Temperature
Figure 14. Quiescent Current vs. Temperature (VEN/UV = VIN)
Figure 15. Quiescent Current vs. Temperature (VEN/UV= 0V)
IL = 1mA
VIN = 20V
+150°C
+125°C
+25°C
–40°C
–55°C
OUTPUT VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
20
99.0
99.2
99.4
99.6
99.8
100.0
100.2
100.4
100.6
100.8
101.0
IL = 1mA
VIN = 20V
+150°C
+125°C
+25°C
–40°C
–55°C
OUTPUT VOLTAGE (V)
0
2
4
6
8
10
12
14
16
18
20
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
VIN = 2.2V
IL = 1mA
PNP TO NPN INPUT PAIR SWITCHOVER
NPN TO PNP INPUT PAIR SWITCHOVER
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
0.12
0.24
0.36
0.48
0.60
0.72
0.84
0.96
1.08
1.20
VIN = 2.5V
ΔIL = 1mA TO 200mA
VOUT = 1.3V
ΔISET
ΔVOS
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
–100
–80
–60
–40
–20
0
20
40
60
80
100
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
VIN = 2.2V
VEN/UV = VIN
VOUT = 1.3V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
1
2
3
4
5
6
7
8
VEN/UV = 0V
RSET = 13kΩ
VOUT = 0V
VIN = 2.2V
VIN = 20V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
15
30
45
60
75
90
105
120
135
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com