Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 16 Page - Analog Devices

Part # LT3045
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT3045 Datasheet HTML 12Page - Analog Devices LT3045 Datasheet HTML 13Page - Analog Devices LT3045 Datasheet HTML 14Page - Analog Devices LT3045 Datasheet HTML 15Page - Analog Devices LT3045 Datasheet HTML 16Page - Analog Devices LT3045 Datasheet HTML 17Page - Analog Devices LT3045 Datasheet HTML 18Page - Analog Devices LT3045 Datasheet HTML 19Page - Analog Devices LT3045 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
16 of 47
(TJ = +25°C, unless otherwise noted.)
Figure 28. Negative EN/UV Pin Current vs. EN/UV Pin
Voltage
Figure 29. Input Current vs. EN/UV Pin Voltage
Figure 30. Internal Current Limit vs. Temperature
Figure 31. Internal Current Limit vs. Temperature
(Foldback)
Figure 32. Internal Current Limit vs. Input-to-Output
Differential
Figure 33. Programmable Current Limit vs. Temperature
(200mA)
VIN = 2.2V
+150°C
+125°C
+25°C
–40°C
–55°C
EN/UV PIN VOLTAGE (V)
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
–200
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
VIN = 2.2V
+150°C
+125°C
+25°C
–40°C
–55°C
EN/UV PIN VOLTAGE (V)
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
0
50
100
150
200
250
300
350
400
RILIM = 0Ω
VOUT = 0V
VIN = 2.5V
VIN = 12V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
50
100
150
200
250
300
350
400
450
500
VIN = 20V
RILIM = 0Ω
VOUT = 0V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
50
100
150
200
250
300
350
400
450
500
RILIM = 0Ω
+150°C
+125°C
+25°C
–40°C
–55°C
INPUT-TO-OUTPUT DIFFERENTIAL (V)
0
2
4
6
8
10
12
14
16
18
20
0
50
100
150
200
250
300
350
400
450
500
RILIM = 750Ω
VOUT = 0V
VIN = 2.5V
VIN = 7.5V
TEMPERATURE (°C)
–75
–50
–25
0
25
50
75
100
125
150
175
0
40
80
120
160
200
240
280
320
360
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com