Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 40 Page - Analog Devices

Part # LT3045
Description  20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 40 Page - Analog Devices

Back Button LT3045 Datasheet HTML 36Page - Analog Devices LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices LT3045 Datasheet HTML 39Page - Analog Devices LT3045 Datasheet HTML 40Page - Analog Devices LT3045 Datasheet HTML 41Page - Analog Devices LT3045 Datasheet HTML 42Page - Analog Devices LT3045 Datasheet HTML 43Page - Analog Devices LT3045 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
Data Sheet
LT3046
analog.com
Rev 0
40 of 47
Figure 83. Paralleling Multiple Devices Using ILIM
10µF
0.1µF
4.7µF
4.7µF
RILIM
724Ω
RILIM
724Ω
RCDC
10.2Ω
16.5kΩ
50mΩ
50mΩ
IN
EN/UV
PGFB
VIN
5V ±5%
SET
GND
ILIM
OUTS
OUT
LT3046
VOUT = 3.3V
OUTPUT CURRENT LIMIT = 400mA
PG
IN
EN/UV
PGFB
SET
GND
ILIM
OUTS
OUT
LT3046
PG
RILIM = 150/ILIM - 520 . RBALLAST
= 724Ω (FOR 200mA CURRENT LIMIT PER REGULATOR)
RCDC = RBALLAST . 520 . ILIM/[N . (ILIM + 520 . ISET)]
= 10.2Ω
N = NUMBER OF DEVICES IN PARALLEL
RCDC = CABLE (BALLAST RESISTOR) DROP CANCELLATION RESISTOR
RILIM = CURRENT LIMIT PROGRAMMING RESISTOR
RBALLAST = BALLAST RESISTOR
ILIM = CURRENT LIMIT PER REGULATOR
ISET = SET PIN CURRENT
RBALLAST
RBALLAST
100µA
100µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com