Electronic Components Datasheet Search
  English  ▼

X  

TA23 Datasheet(PDF) 3 Page - TiMOTION Technology Co. Ltd.

Part # TA23
Description  Max. load 10,000N (push); 4,000N (pull)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA23 Datasheet(HTML) 3 Page - TiMOTION Technology Co. Ltd.

  TA23 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Load and Speed
CODE
Load (N)
Self Locking
Force (N)
Typical Current (A)
Typical Speed (mm/s)
Push
Pull
No Load
32V DC
With Load
24V DC
No Load
32V DC
With Load
24V DC
Motor Speed (2600RPM, Duty Cycle 10%)
C
5000
4000
5000
0.8
3.5
8.0
4.1
D
6000
4000
6000
0.8
3.5
6.0
3.1
E
3500
3500
3500
0.8
3.1
10.7
5.6
F
2500
2500
2500
0.8
3.2
15.9
8.3
G
2000
2000
2000
0.8
2.8
21.4
12.1
H
1000
1000
1000
0.8
2.1
32.1
19.1
J
3500
3500
3500
0.8
3.6
11.9
6.0
K
8000
4000
8000
0.8
4.2
5.4
2.6
Motor Speed (3400RPM, Duty Cycle 10%)
L
6000
4000
6000
1.0
4.2
7.3
4.1
M
3500
3500
3500
1
3.8
13.1
7.5
N
2500
2500
2500
1.0
4.1
19.4
11.1
O
2000
2000
2000
1.0
4.0
26.1
14.9
P
1000
1000
1000
1.0
3.0
39.0
23.4
Q
3500
3500
3500
1.0
4.6
14.5
7.9
R
8000
4000
8000
1.0
5.2
6.6
3.4
T
5000
4000
5000
1.0
4.2
9.8
5.4
Motor Speed (3800RPM, Duty Cycle 10%)
X
6000
4000
6000
1.2
4.4
8.6
5.0
Y
8000
4000
8000
1.2
5.5
7.7
4.3
B
10000
4000
10000
1.2
5.3
5.7
3.2
U
5000
4000
5000
1.2
4.7
11.3
6.6
W
2500
2500
2500
1.2
4.6
23.0
13.4
Z
3500
3500
3500
1.2
5.3
16.8
9.8
CODE
Load (N)
Max Stroke (mm)
K, R, Y, B
≥ 8000
450
D, L, X
= 6000
600
Others
< 6000
1000
Note
1 Please refer to the approved drawing for the final authentic value.
2 The current & speed in table are tested with 24V DC motor. With a 12V DC motor, the current is approximately twice the current
measured in 24V DC; speed will be similar for both voltages.
3 This self-locking force level is reached only when a short circuit is applied on the terminals of the motor. All the TiMOTION control
boxes have this feature built-in.
4 Operational temperature range at full performance: +5°C~+45°C
5 The current & speed in table are tested when the actuator is extending under push load.
6 The current & speed in table and diagram are tested with TiMOTION control boxes, and there will be around 10% tolerance
depending on different models of the control box. (Under no load condition, the voltage is around 32V DC. At rated load, the voltage
output will be around 24V DC)
7 Standard stroke: Min. ≥ 25mm, Max. please refer to below table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com