Electronic Components Datasheet Search
  English  ▼

X  

TA23 Datasheet(PDF) 8 Page - TiMOTION Technology Co. Ltd.

Part # TA23
Description  Max. load 10,000N (push); 4,000N (pull)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA23 Datasheet(HTML) 8 Page - TiMOTION Technology Co. Ltd.

Back Button TA23 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 10Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 11Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 12Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
TA23 Patient Hoist Ordering Key
TA23
Version: 20230719-P
Load and Speed
Voltage
Cable Length (mm)
Output Signals
IP Rating
Connector
See page 12
Color
Direction of
Rear Attachment
(Counterclockwise)
See page 11
2 = 24V DC
5 = 24V DC, PTC
1 = Straight, 500
3 = Straight, 1000
0 = Without
2 = IP54
3 = IP66
1 = Black
2 = Pantone 428C
1 = 0°
Stroke (mm)
Retracted Length
(mm)
Functions for
Limit Switches
See page 11
1 = Two switches at full retracted / extended positions to cut current
X = 6000N
Y = 8000N
See page 9
See page 3
Rear Attachment
(mm)
See page 10
Special Functions
for Spindle Sub-
Assembly
Front Attachment
(mm)
See page 10
C = Aluminum casting, U clevis, slot 8.2, depth 17.0, hole 10.2, with plastic T-bushing
6 = Mechanical push only + safety nut
1 = DIN 6P, 90° plug
F = DIN 6P, 180° plug
G = Audio plug
F = Aluminum casting, U clevis, slot 8.2, depth 19.0, hole 10.2, with T-bushing, manual release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com