Electronic Components Datasheet Search
  English  ▼

X  

TA23 Datasheet(PDF) 9 Page - TiMOTION Technology Co. Ltd.

Part # TA23
Description  Max. load 10,000N (push); 4,000N (pull)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA23 Datasheet(HTML) 9 Page - TiMOTION Technology Co. Ltd.

Back Button TA23 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 10Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 11Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 12Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
TA23 Ordering Key Appendix
1. Calculate A+B+C = Y
2. Retracted length needs to ≥ Stroke+Y
Retracted Length (mm)
B.
Stroke (mm)
Load (N)
General
For Patient
Hoist
< 6000
= 6000
= 8000
= 10000
25~150
-
-
-
+6
-
151~200
-
-
+5
+11
-
201~250
-
+5
+10
+16
-
251~300
-
+10
+15
+21
+5
301~350
+5
+15
+20
+26
+10
351~400
+10
+20
+25
+31
+15
401~450
+15
+25
+30
+36
+15
451~500
+20
+30
x
x
x
501~550
+25
+35
x
x
x
551~600
+30
+40
x
x
x
601~650
+35
x
x
x
x
651~700
+40
x
x
x
x
701~750
+45
x
x
x
x
751~800
+50
x
x
x
x
801~850
+55
x
x
x
x
851~900
+60
x
x
x
x
901~950
+65
x
x
x
x
951~1000
+70
x
x
x
x
C. Load < 6000 (N)
Front attach.
Spindle Function
0, 1
2, 3
1, 2, 5, 6
-
+5
3, 4
-
+5
7, 8, 9
-
+5
J
-
+5
F (For Patient Hoist)
-
-
C. Load = 6000 / 8000 (N)
Front attach.
Spindle Function
0, 1
2, 3
1, 2, 5, 6
-
+8
3, 4
-
-
7, 8, 9
-
+8
J
-
+8
F (For Patient Hoist)
-
-
C. Load = 10000 (N)
Front attach.
Spindle Function
0, 1
2, 3
1, 2, 5, 6
-
+24
3, 4
-
-
7, 8, 9
-
+16
J
-
+16
F (For Patient Hoist)
-
-
A.
Front
Attach.
Rear Attach.
General
For Patient Hoist
1, 2, 5, 6
+163
-
3, 4
+188
-
7, 8, 9
+178
-
J
+166
-
F
-
+250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com