Electronic Components Datasheet Search
  English  ▼

X  

TA23 Datasheet(PDF) 7 Page - TiMOTION Technology Co. Ltd.

Part # TA23
Description  Max. load 10,000N (push); 4,000N (pull)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA23 Datasheet(HTML) 7 Page - TiMOTION Technology Co. Ltd.

Back Button TA23 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 10Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 11Page - TiMOTION Technology Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
TA23 Ordering Key
TA23
Version: 20230719-P
Load and Speed
Voltage
Cable Length (mm)
Output Signals
IP Rating
Connector
See page 12
Color
Direction of
Rear Attachment
(Counterclockwise)
See page 11
1 = 12V DC
2 = 24V DC
3 = 36V DC
5 = 24V DC, PTC
0 = Straight, 100
1 = Straight, 500
2 = Straight, 750
3 = Straight, 1000
4 = Straight, 1250
5 = Straight, 1500
6 = Straight, 2000
7 = Curly, 200
8 = Curly, 400
B~H = For direct cut system. See page 12
J = For socket attached on motor, not preset attached on
motor cover. See page 12
R = For socket attached on motor, preset attached on
motor cover. See page 12
0 = Without
2 = Hall sensor * 2
1 = Without
2 = IP54
3 = IP66
5 = IP66W
1 = Black
2 = Pantone 428C
1 = 0°
3 = 90°
Stroke (mm)
Retracted Length
(mm)
Functions for
Limit Switches
See page 11
1 = Two switches at full retracted / extended positions
to cut current
2 = Two switches at full retracted / extended positions to
cut current + third one in between to send signal
3 = Two switches at full retracted / extended positions
to send signal
4 = Two switches at full retracted / extended positions to
send signal + third one in between to send signal
5 = Two switches at full retracted/extended positions
to send signal (Operate with control box: TC8, TC10,
TC14, TC21; compatible with hall sensors)
See page 3
See page 9
See page 3
Rear Attachment
(mm)
See page 10
Special Functions
for Spindle Sub-
Assembly
Front Attachment
(mm)
See page 10
2 = Aluminum casting, U clevis, slot 8.2, depth 17.0, hole 10.2
3 = Aluminum casting, U clevis, slot 8.2, depth 17.0, hole 12.2
C = Aluminum casting, U clevis, slot 8.2, depth 17.0, hole 10.2, with plastic T-bushing
0 = Without (Standard)
1 = Safety nut
2 = Standard push only
3 = Standard push only + safety nut
1 = DIN 6P, 90° plug
2 = Tinned leads
4 = Big 01P, plug
C = Y cable (for direct cut system, water proof, anti pull)
D = Extension cable, not preset on motor cover (cable
legth 120mm)
R = Extension cable, preset on motor cover (cable legth
50mm)
E = Molex 8P, plug
F = DIN 6P, 180° plug
G = Audio plug
M = DIN 4P, dental chair plug (40510-143, standard)
N = DIN 4P, dental chair plug (40510-040)
P = Molex 8P, 90° plug, without anti-clip
Q = Molex 6P, 90° plug, without anti-clip
1 = Punched hole on inner tube + plastic cap, without slot,
hole 10.2, with plastic bushing
2 = Punched hole on inner tube + plastic cap, without slot,
hole 12.2
3 = Plastic, U clevis, slot 8.2, depth 20.0, hole 10.2 (for load
push < 4000N & pull < 2500N)
4 = Plastic, U clevis, slot 8.2, depth 20.0, hole 12.2 (for load
push < 4000N & pull < 2500N)
5 = Punched hole on inner tube, without slot, hole 10.2, with
plastic bushing
6 = Punched hole on inner tube, without slot, hole 12.2
7 = Aluminum casting, U clevis, slot 6.2, depth 17.0, hole 10.2
8 = Aluminum casting, U clevis, slot 6.2, depth 17.0, hole 12.2
9 = Aluminum casting, U clevis, slot 6.2, depth 17.0, hole 10.2,
with plastic T-bushing
J = Aluminum casting, without slot, hole 10.2, for dental chair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com