Electronic Components Datasheet Search
  English  ▼

X  

TA23 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TA23
Description  Max. load 10,000N (push); 4,000N (pull)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA23 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TA23 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA23 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Product Segments
• Care Motion
• Industrial Motion
TA23
series
TiMOTION’s TA23 series is a compact linear actuator primarily used for
medical applications that require high force and high speed. This linear actuator
also has the ability to save installation space by mounting the control box to
the actuator. The TA23 linear actuator is available with IP rating up to IP66W. It
also has Hall sensors for position feedback. The TA23 also has manual release
option which can be used for patient hoist applications.
General Features
Max. load
10,000N (push); 4,000N (pull)
Max. speed at max. load
3.2mm/s
Max. speed at no load
39mm/s
Retracted length
≥ Stroke + 163mm
IP rating
IP66W
Certificate
IEC60601-1, ES60601-1, IEC60601-1-2,
EMC
Stroke
25~1000mm
Output signals
Hall sensors
Options
Manual release (for patient hoist)
Voltage
12/24/36V DC; 24V DC (PTC)
Color
Black, grey
Operational temperature range
+5°C~+45°C
Suitable for patient hoist application


Similar Part No. - TA23

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TA23-11EWA KINGBRIGHT-TA23-11EWA Datasheet
225Kb / 6P
58mm (2.3INCH) 8x8 DOT MATRIX DISPLAY
TA23-11GWA KINGBRIGHT-TA23-11GWA Datasheet
225Kb / 6P
58mm (2.3INCH) 8x8 DOT MATRIX DISPLAY
TA23-11GWA KINGBRIGHT-TA23-11GWA Datasheet
152Kb / 4P
58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
TA23-11SRWA KINGBRIGHT-TA23-11SRWA Datasheet
225Kb / 6P
58mm (2.3INCH) 8x8 DOT MATRIX DISPLAY
TA23-11SRWA KINGBRIGHT-TA23-11SRWA Datasheet
151Kb / 4P
58mm (2.3 INCH) 8x8 DOT MATRIX DISPLAY
More results

Similar Description - TA23

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA2 TIMOTION-MA2 Datasheet
952Kb / 9P
Max. load 8,000N (push); 4,000N (pull)
20231020-O
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA13 TIMOTION-TA13 Datasheet
610Kb / 8P
Max. load 10,000N (push); 5,500N (pull)
20230923-H
TA15 TIMOTION-TA15 Datasheet
833Kb / 7P
Max. load 10,000N (push); 5,500N (pull)
20230923-H
TA21 TIMOTION-TA21 Datasheet
629Kb / 4P
Max. load 10,000N (push); 6,000N (pull)
20231005-I
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA36 TIMOTION-TA36 Datasheet
836Kb / 10P
Max. load 10,000N (push); 6,000N (pull)
20210317-I
TA43 TIMOTION-TA43 Datasheet
718Kb / 8P
Max. load 4,000N (push/pull)
20201007-H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com