Electronic Components Datasheet Search
  English  ▼

X  

TA6 Datasheet(PDF) 4 Page - TiMOTION Technology Co. Ltd.

Part # TA6
Description  Max. load 6,000N (push); 4,000N (pull)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA6 Datasheet(HTML) 4 Page - TiMOTION Technology Co. Ltd.

  TA6 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
0.0
2.0
4.0
6.0
1.0
3.0
5.0
0
2000
4000
6000
8000
10000
1000
3000
5000
7000
9000
C
D
F
G
H
J
C
D
F
G
H
J
0.0
10.0
20.0
30.0
40.0
1000
0
2000
3000
4000
5000
6000
7000
8000
9000
10000
Motor Speed (2600RPM, Duty Cycle 10%)
Performance Data (24V DC Motor)
Speed vs. Load
Load (N)
Current vs. Load
Load (N)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com