Electronic Components Datasheet Search
  English  ▼

X  

TA6 Datasheet(PDF) 1 Page - TiMOTION Technology Co. Ltd.

Part # TA6
Description  Max. load 6,000N (push); 4,000N (pull)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA6 Datasheet(HTML) 1 Page - TiMOTION Technology Co. Ltd.

  TA6 Datasheet HTML 1Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
TiMOTION's TA6 series linear actuator is designed for lift applications like
recliners, lifting chairs and movie theater seating. Its right-angle design reduces
noise and allows for fitment into most applications. Industry certifications for
the TA6 linear actuator include EMC and RoHS. In addition, the TA6 is available
with optional Hall sensors for position feedback. It can also be used where
freewheeling push only functionality is desired.
General Features
Max. load
6,000N (push); 4,000N (pull)
Max. speed at max. load
5mm/s
Max. speed at no load
43mm/s
Retracted length
≥ Stroke + 163mm
Certificate
UL962, EMC
Stroke
25~1000mm
Output signals
Hall sensors
Options
Freewheeling push only, safety nut
Voltage
12 / 24 / 36V DC
Color
Black
Operational temperature range
+5°C~+45°C
Product Segments
• Comfort Motion
TA6
series


Similar Part No. - TA6

ManufacturerPart #DatasheetDescription
logo
France Joint
TA6 FRANCEJOINT-TA6 Datasheet
448Kb / 4P
SHAFT SEALS WITH A TYPE 6 STOP
logo
Rohm
TA60 ROHM-TA60 Datasheet
962Kb / 12P
Epitaxial Planar Silicon Transistor Arrays
logo
Toshiba Semiconductor
TA6009FM TOSHIBA-TA6009FM Datasheet
171Kb / 12P
Bipolar Linear Integrated Circuit Silicon Monolithic Shock Sensor IC (1 ch version)
17-Jan-2002
TA6009FN TOSHIBA-TA6009FN Datasheet
247Kb / 7P
SHOCK SENSOR IC (1ch VERSION)
20-Nov-1998
TA6009FN TOSHIBA-TA6009FN Datasheet
233Kb / 11P
Shock Sensor IC (1 ch version)
More results

Similar Description - TA6

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
MA2 TIMOTION-MA2 Datasheet
952Kb / 9P
Max. load 8,000N (push); 4,000N (pull)
20231020-O
SR1 TIMOTION-SR1 Datasheet
508Kb / 7P
Max. load 4,000N (push/pull)
20230509-B
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
Max. load 6,000N (push), 4,000N (pull)
20200603-F
TA12 TIMOTION-TA12 Datasheet
907Kb / 9P
Max. load 12,000N (push); 6,000N (pull)
20230818-S
TA23 TIMOTION-TA23 Datasheet
1Mb / 12P
Max. load 10,000N (push); 4,000N (pull)
20230719-P
TA26 TIMOTION-TA26 Datasheet
953Kb / 6P
Max. load 4,000N (push); 2,000N (pull)
20220712-D
TA29 TIMOTION-TA29 Datasheet
943Kb / 8P
Max. load 6,000N (push); 3,500N (pull)
20220810-M
TA29AC TIMOTION-TA29AC Datasheet
500Kb / 7P
Max. load 4,000N (push/pull)
20230724-C
TA41 TIMOTION-TA41 Datasheet
901Kb / 11P
Max. load 8,000N (push);4,000N (pull)
20230609-H
TA43 TIMOTION-TA43 Datasheet
718Kb / 8P
Max. load 4,000N (push/pull)
20201007-H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com