Electronic Components Datasheet Search
  English  ▼

X  

TA6 Datasheet(PDF) 9 Page - TiMOTION Technology Co. Ltd.

Part # TA6
Description  Max. load 6,000N (push); 4,000N (pull)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA6 Datasheet(HTML) 9 Page - TiMOTION Technology Co. Ltd.

Back Button TA6 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 10Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
24.5
ø10.2
R16
17
ø10.2
ø12.2
ø10.2
20
ø12.2
20
ø10.2
ø12.2
ø10.2
17
ø12.2
17
ø10.2
17
Rear Attachment (mm)
TA6 Ordering Key Appendix
1 = U clevis plastic, slot 6.1, hole
10.2
1 = Punched hole on inner tube +
plastic cap, without slot, hole
10.2, with plastic bushing
2 = Punched hole on inner tube +
plastic cap, without slot, hole 12.2
6 = Punched hole on inner tube,
without slot, hole 12.2
3 = Plastic, U clevis, slot 8.2, depth
20.2, hole 10.2, for load push <
4000N & pull < 2500N
7 = Aluminum casting, U clevis, slot
6.2, depth 17.0, hole 10.2
4 = Plastic, U clevis, slot 8.2, depth
20.2, hole 12.2, for load push <
4000N & pull < 2500N
8 = Aluminum casting, U clevis, slot
6.2, depth 17.0, hole 12.2
5 = Punched hole on inner tube,
without slot, hole 10.2, with
plastic bushing
9 = Aluminum casting, U clevis, slot
6.2, depth 17.0, hole 10.2, with
plastic T-bushing
Front Attachment (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com