Electronic Components Datasheet Search
  English  ▼

X  

TA6 Datasheet(PDF) 8 Page - TiMOTION Technology Co. Ltd.

Part # TA6
Description  Max. load 6,000N (push); 4,000N (pull)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.

TA6 Datasheet(HTML) 8 Page - TiMOTION Technology Co. Ltd.

Back Button TA6 Datasheet HTML 2Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 3Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 4Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 5Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 6Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 7Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 8Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 9Page - TiMOTION Technology Co. Ltd. TA6 Datasheet HTML 10Page - TiMOTION Technology Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
TA6 Ordering Key Appendix
C. Front Attachment V.S Special Function
Front
Attachment
Spindle Function
0, 1
2, 3
1, 2, 5, 6
-
+5
3, 4
-
-
7, 8, 9
-
-
B. Load V.S. Stroke
Stroke (mm)
Load (N)
< 6000
= 6000
25~150
-
-
151~200
-
-
201~250
-
+5
251~300
-
+10
301~350
+5
+15
351~400
+10
+20
401~450
+15
+25
451~500
+20
+30
501~550
+25
+35
551~600
+30
+40
601~650
+35
x
651~700
+40
x
701~750
+45
x
751~800
+50
x
801~850
+55
x
851~900
+60
x
901~950
+65
x
951~1000
+70
x
A. Front Attachment
CODE
1, 2, 5, 6
+163
3, 4
+185
7, 8, 9
+175
1. Calculate A+B+C = Y
2. Retracted length needs to ≥ Stroke + Y
Retracted Length (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com